| Moteur de recherche de fiches techniques de composants électroniques |
|
SDD400 Fiches technique(PDF) 3 Page - Solid State Optronic |
|
|
|||||||||||||||||||||||||||||
SDD400 Fiches technique(HTML) 3 Page - Solid State Optronic |
|
3 / 6 page ![]() SDD400 DC Input Photo-Darlington Optocoupler PERFORMANCE DATA SDD400 Response Time vs. Load Resistance N = 100, Ambient Temperature = 25°C SDD400 Forward Current vs. Ambient Temperature N = 100 SDD400 Current Transfer Ratio vs. Forward Current N = 100, Ambient Temperature = 25ºC SDD400 Relative Current Transfer Ratio vs. Ambient Temperature N = 100 SDD400 Collector Power Dissipation vs. Ambient Temperature N = 100 © 2004 Solid State Optronics • San José, CA www.ssousa.com • +1.408.293.4600 Page 3 of 6 SDD400 rev 1.40 (10/25/2004) SDD400 Forward Current vs. Forward Voltage N = 100, Ambient Temperature = 25ºC Load Resistance RL (K ohm) Ambient Temperature Ta (°C) Forward Current IF (mA) Ambient Temperature Ta (°C) Ambient Temperature Ta (°C) Forward Voltage VF (V) |