| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F88-I/SS Fiches technique(PDF) 57 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F88-I/SS Fiches technique(HTML) 57 Page - Microchip Technology |
|
57 / 214 page ![]() 2003 Microchip Technology Inc. Preliminary DS30487B-page 55 PIC16F87/88 FIGURE 5-6: BLOCK DIAGRAM OF RA6/OSC2/CLKO PIN Data Bus Q D Q CK P N WR PORTA WR TRISA Data Latch TRIS Latch RD TRISA RD PORTA VSS VDD RA6/OSC2/CLKO pin Q D Q CK D Q EN Oscillator Circuit From OSC1 (FOSC = 1x0, 011) P N VSS VDD CLKO (FOSC/4) VDD Note 1: I/O pins have protection diodes to VDD and VSS. 2: CLKO signal is 1/4 of the FOSC frequency. (FOSC = 1x0, 011) (FOSC = 1x1) VSS Schmitt Trigger Input Buffer |