Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F87-I/ML Fiches technique(PDF) 68 Page - Microchip Technology

No de pièce PIC16F87-I/ML
Description  18/20/28-Pin Enhanced FLASH Microcontrollers with nanoWatt Technology
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87-I/ML Fiches technique(HTML) 68 Page - Microchip Technology

Back Button PIC16F87-I/ML Datasheet HTML 64Page - Microchip Technology PIC16F87-I/ML Datasheet HTML 65Page - Microchip Technology PIC16F87-I/ML Datasheet HTML 66Page - Microchip Technology PIC16F87-I/ML Datasheet HTML 67Page - Microchip Technology PIC16F87-I/ML Datasheet HTML 68Page - Microchip Technology PIC16F87-I/ML Datasheet HTML 69Page - Microchip Technology PIC16F87-I/ML Datasheet HTML 70Page - Microchip Technology PIC16F87-I/ML Datasheet HTML 71Page - Microchip Technology PIC16F87-I/ML Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 214 page
background image
PIC16F87/88
DS30487B-page 66
Preliminary
 2003 Microchip Technology Inc.
FIGURE 5-15:
BLOCK DIAGRAM OF RB7 PIN
Data Latch
From Other
RBPU(2)
P
VDD
I/O pin(1)
Q
D
CK
Q
D
CK
QD
EN
QD
EN
Data Bus
WR
T1OSCEN
Set RBIF
TRIS Latch
RD TRISB
RD PORTB
RB7:RB4 pins
Weak
Pull-up
RD PORTB
Latch
Q3
Q1
PORTB
Note 1:
I/O pins have diode protection to VDD and VSS.
2:
To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit.
PGD
PGD
PORT/Program Mode/ICD
Analog
TTL
Input Buffer
Input Mode
To T1OSCI Input
1
0
PGD DRVEN
T1OSCEN
WR
TRISB
To A/D Module Channel Input (PIC16F88 only)
1
0
Analog Input Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More