| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F87-I/SS Fiches technique(PDF) 61 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F87-I/SS Fiches technique(HTML) 61 Page - Microchip Technology |
|
61 / 214 page ![]() 2003 Microchip Technology Inc. Preliminary DS30487B-page 59 PIC16F87/88 FIGURE 5-8: BLOCK DIAGRAM OF RB0 PIN Note 1: I/O pins have diode protection to VDD and VSS. 2: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit. Data Latch RBPU(2) P VDD Q D CK Q D CK Q D EN Data Bus WR PORTB WR TRISB RD TRISB RD PORTB Weak Pull-up RD PORTB I/O pin(1) TTL Input Buffer TRIS Latch 0 1 CCP CCP1<M3:M0> = 1000, 1001, 11xx and CCPMX = 1 To INT0 or CCP CCP1<M3:M0> = 000 |