| Moteur de recherche de fiches techniques de composants électroniques |
|
HT36F2 Fiches technique(PDF) 2 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT36F2 Fiches technique(HTML) 2 Page - Holtek Semiconductor Inc |
|
2 / 36 page ![]() Pin Assignment Pad Assignment Chip size: 2135 ´ 2385 (mm) 2 * The IC substrate should be connected to VSS in the PCB layout artwork. HT36F2 Rev. 1.00 2 August 15, 2005 2 8 2 7 2 6 2 5 2 4 2 3 2 2 2 1 2 0 1 9 1 8 1 7 1 6 1 5 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 H T 3 6 F 2 2 8 S O P - A P B 1 P B 0 A U D T E S T V D D A V S S A O S C 2 O S C 1 V S S V D D R E S N C N C N C P B 2 P B 3 P B 4 P B 5 P B 6 P B 7 P A 7 P A 6 P A 5 P A 4 P A 3 P A 2 P A 1 P A 0 1 6 1 5 1 4 1 3 1 2 1 1 1 0 9 1 2 3 4 5 6 7 8 A U D V D D A V S S A O S C 2 O S C 1 V S S V D D R E S P A 7 P A 6 P A 5 P A 4 P A 3 P A 2 P A 1 P A 0 H T 3 6 F 2 1 6 S O P - A 2 2 2 3 P A 3 P A 4 P A 5 P A 6 P A 7 P B 6 P B 7 O S C 1 O S C 2 R E S ( 0 , 0 ) 1 2 3 4 5 6 7 8 9 2 5 2 4 2 0 1 9 1 8 1 7 1 6 1 5 1 4 1 3 2 1 1 2 1 1 1 0 A U D T E S T V D D A V S S A V S S V D D |