Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

5ST3-710 Fiches technique(PDF) 13 Page - Siemens Semiconductor Group

No de pièce 5ST3-710
Description  Miniature Circuit-Breakers (MCBs)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

5ST3-710 Fiches technique(HTML) 13 Page - Siemens Semiconductor Group

Back Button 5ST3-710 Datasheet HTML 9Page - Siemens Semiconductor Group 5ST3-710 Datasheet HTML 10Page - Siemens Semiconductor Group 5ST3-710 Datasheet HTML 11Page - Siemens Semiconductor Group 5ST3-710 Datasheet HTML 12Page - Siemens Semiconductor Group 5ST3-710 Datasheet HTML 13Page - Siemens Semiconductor Group 5ST3-710 Datasheet HTML 14Page - Siemens Semiconductor Group 5ST3-710 Datasheet HTML 15Page - Siemens Semiconductor Group 5ST3-710 Datasheet HTML 16Page - Siemens Semiconductor Group 5ST3-710 Datasheet HTML 17Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
Description
2/13
Siemens I 2.1 · 2001
General Data
Miniature Circuit-Breakers (MCBs)
s Selectivity of MCBs/circuit-breakers
Under short-circuit conditions,
selectivity is provided between
the MCBs and circuit-breakers
acc. to IEC 60 947-2 and
DIN VDE 0660 Part 101 up to
the specified values in kA.
Limit values of the MCBs/circuit-breakers
selectivity in kA
Downstream MCBs
Upstream circuit-breakers
3RV1.4
In [A]
16
20
25
32
40
50
63
75
90
100
I >[A]
192
240
300
384
480
600
756
900
1 080
1140
Icn [kA]
100
100
100
100
100
100
100
100
100
100
Selectivity limits [kA]
1)
5SX2/5SY4...-5
Characteristic A
2
6
6/10
0.5
0.8
1.5
2.5
3
6/7.5
6/10
6/10
6/10
6/10
10
30
6/10
0.3
0.4
0.5
0.6
0.8
1.2
1.5
2.5
3
4
16
48
6/10
-
0.3
0.5
0.6
0.6
1
1.5
2
3
3
32
96
6/10
-
-
-
-
0.6
0.8
1.5
2
2.5
3
40
120
6/10
-
-
-
-
-
0.8
1.2
1.5
2
2
5SX2/5SX4, 5SY4/5SY7...-6
Characteristic B
6
30
6/10/15
0.2
0.4
0.5
0.6
0.8
1.2
2
3
6/10/15 6/10/15
10
50
6/10/15
0.2
0.3
0.5
0.6
0.8
1
1.5
2.5
4
4
13
65
6/10/15
0.2
0.3
0.5
0.6
0.8
1
1.5
2
3
3
16
80
6/10/15
-
0.3
0.5
0.6
0.8
1
1.5
2
3
3
20
100
6/10/15
-
-
0.5
0.6
0.8
1
1.5
2
3
3
25
125
6/10/15
-
-
-
0.5
0.8
0.8
1.5
2
3
3
32
160
6/10/15
-
-
-
-
0.6
0.8
1.5
2
3
3
40
200
6/10/15
-
-
-
-
0.6
0.8
1.2
1.5
2.5
2.5
50
250
6/10/15
-
-
-
-
-
-
1.2
1.5
2.5
2.5
5SX2/5SX4, 5SY4/5SY7...-7
Characteristic C
0.5
5
6/10/15
0.4
0.6
0.8
0.8
1
3
6/10/15 6/10/15 6/10/15 6/10/15
1
10
6/10/15
0.4
0.6
0.8
0.8
1
3
6/10/15 6/10/15 6/10/15 6/10/15
1.6
16
6/10/15
0.4
0.6
0.8
0.8
1
3
6/10/15 6/10/15 6/10/15 6/10/15
2
20
6/10/15
0.4
0.6
0.8
0.8
1
3
6/10/15 6/10/15 6/10/15 6/10/15
3
30
6/10/15
0.2
0.3
0.5
0.6
0.8
1
2
2.5
5
5
4
40
6/10/15
0.2
0.3
0.5
0.6
0.8
1
2
2.5
5
5
6
60
6/10/15
0.2
0.3
0.5
0.6
0.8
1
2
2.5
5
5
8
80
6/10/15
0.2
0.3
0.4
0.6
0.6
1
1.5
2
3
3
10
100
6/10/15
0.2
0.3
0.4
0.6
0.6
1
1.5
2
3
3
13
130
6/10/15
0.2
0.3
0.4
0.6
0.6
1
1.5
2
3
3
16
160
6/10/15
-
0.3
0.4
0.6
0.6
1
1.5
2
3
3
20
200
6/10/15
-
-
0.4
0.6
0.6
1
1.5
2
3
3
25
250
6/10/15
-
-
-
0.5
0.6
0.8
1.2
1.5
2.5
2.5
32
320
6/10/15
-
-
-
-
0.6
0.8
1.2
1.5
2.5
2.5
40
400
6/10/15
-
-
-
-
-
0.6
1
1.5
2
2
50
500
6/10/15
-
-
-
-
-
-
1
1.2
1.5
2
63
630
6/10/15
-
-
-
-
-
-
-
-
1.5
1.5
5SX2/5SY4/5SY7...-8
Characteristic D
2
40
6/10/15
0.4
0.5
0.6
0.8
1
1.5
3
4
6/10/15 6/10/15
6
120
6/10/15
0.2
0.3
0.4
0.6
0.6
1
1.5
2.5
3
3
10
200
6/10/15
-
0.3
0.4
0.5
0.6
0.8
1.5
2
3
3
16
320
6/10/15
-
-
-
0.5
0.6
0.8
1.2
1.5
2.5
2.5
32
640
6/10/15
-
-
-
-
-
0.6
1
1.5
2
2
40
800
6/10/15
-
-
-
-
-
-
1
1.2
1.5
1.5
50
1,000
6/10/15
-
-
-
-
-
-
1
1.2
1.5
1.5
5SP4...-7
Characteristic C
80
1,600
6/10
-
-
-
-
-
-
-
-
-
1.2
100
2,000
6/10
-
-
-
-
-
-
-
-
-
-
5SP4...-8
Characteristic D
80
1,600
6/10
-
-
-
-
-
-
-
-
-
-
100
2,000
6/10
-
-
-
-
-
-
-
-
-
-
1) In 240/415 V, 50 Hz networks, the selectivity limits must be reduced by 10%.
I > = Tripping current.
i21_01.fm Seite 13 Mittwoch, 20. Juni 2001 10:09 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com