Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS1722M Fiches technique(PDF) 18 Page - Galaxy Power, Inc.

No de pièce ICS1722M
Description  QuickSaver-R Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GALAXY [Galaxy Power, Inc.]
Site Internet  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

ICS1722M Fiches technique(HTML) 18 Page - Galaxy Power, Inc.

Back Button ICS1722M Datasheet HTML 14Page - Galaxy Power, Inc. ICS1722M Datasheet HTML 15Page - Galaxy Power, Inc. ICS1722M Datasheet HTML 16Page - Galaxy Power, Inc. ICS1722M Datasheet HTML 17Page - Galaxy Power, Inc. ICS1722M Datasheet HTML 18Page - Galaxy Power, Inc. ICS1722M Datasheet HTML 19Page - Galaxy Power, Inc. ICS1722M Datasheet HTML 20Page - Galaxy Power, Inc. ICS1722M Datasheet HTML 21Page - Galaxy Power, Inc. ICS1722M Datasheet HTML 22Page - Galaxy Power, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
ICS1722
ICS 1712 ST
Package Information
Ordering Information:
ICS1722M, ICS1722MT,
ICS1722S, ICS1722ST, ICS1722N
Example:
GPI
0.016
0.296
0.404
0.041
0.041
0.016
0.050
0.094
0.008
0.033
0.405
0.296
0.008
All package dimensions are in inches.
QuickSaver
®
ICS1722M
16-Pin SOIC Package (300 mil)
GPI
0.018
0.060
0.250
0.750
0.130
0.130
0.015
0.018
0.100
0.060
0.310
0.250
0.350
0.010
All package dimensions are in inches.
16-Pin DIP package (300 mil)
QuickSaver
®
ICS1722N
0.025
0.050
0.008
0.236
0.154
All package dimensions are in inches.
0.155
0.016
R
0.016
0.050
0.006
0.058
0.390
0.031
0.024
0.008
All package dimensions are in inches.
GPI
ICS1722S
16-Pin SOIC Package (150 mil)
QuickSaver
0.039
Prefix: ICS = Intelligent Charging Solution standard device
Device type: Consists of 3 to 5 digits or numbers
Package type:
N=
DIP (Plastic)
M=
300 mil SOIC
S=
150 mil SOIC
MT= 300 mil SOIC Tape and Reel
ST= 150 mil SOIC Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24