Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BW50RAM-3P024 Fiches technique(PDF) 84 Page - Fuji Electric

No de pièce BW50RAM-3P024
Description  Molded Case Circuit Breakers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJI [Fuji Electric]
Site Internet  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

BW50RAM-3P024 Fiches technique(HTML) 84 Page - Fuji Electric

Back Button BW50RAM-3P024 Datasheet HTML 80Page - Fuji Electric BW50RAM-3P024 Datasheet HTML 81Page - Fuji Electric BW50RAM-3P024 Datasheet HTML 82Page - Fuji Electric BW50RAM-3P024 Datasheet HTML 83Page - Fuji Electric BW50RAM-3P024 Datasheet HTML 84Page - Fuji Electric BW50RAM-3P024 Datasheet HTML 85Page - Fuji Electric BW50RAM-3P024 Datasheet HTML 86Page - Fuji Electric BW50RAM-3P024 Datasheet HTML 87Page - Fuji Electric BW50RAM-3P024 Datasheet HTML 88Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 93 page
background image
06/84
Fuji Electric FA components & Systems Co., Ltd./D & C Catalog
Information subject to change without notice
Molded Case Circuit Breakers
G-TWIN series
External accessories
Area in which the hinge
with H can be installed
H
Standard type
H
MCCB
Handle type
With the optional shaft (X=154)
Mounting
screw
Mass (kg)
BW32
BW50
BW63
BW100
BW125
BW160*2
BW250*2
BZ6V10D
BZ6V10D-X
BZ6V10D-P
BW9V0CA
BW9V0GA
105±2
113±2
113±2
105±2
105±2
Optional
shaft
BZ6VS1D
BW9VSG0
250±2
258±2
258±2
250±2
250±2
140 to 250
150 to 258
150 to 258
140 to 250
140 to 250
M4 x 80
Contact FUJI.
Contact FUJI.
M4 x 85
M4 x 85
0.64
0.64
0.64
0.67
0.67
Notes: • The handle lock bars do not hold the entire door. Obtain a support bracket for the panel separately.
• Remove the handle lock bar before opening the door. (Turn the handle in the open direction.)
The lock bar will be damaged if the door is opened with force while the lock bar is engaged.
• Engage the door interlock securely before turning ON the power.
• Not available for side mounting.
*1 The Terminal Cover and Handle cannot be attached at the same time for the BW125JAG-2P or BW125RAGU-2P. Select the BW125JAG-3P or
BW125RAGU-3P to use a Handle.
*2 The terminal cover will cover the mounting screws for the Breaker. When attaching the terminal cover, a portion of the terminal cover will need to be removed.
Remove portion A in the following diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93