Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BW50RAM-3P005 Fiches technique(PDF) 22 Page - Fuji Electric

No de pièce BW50RAM-3P005
Description  Molded Case Circuit Breakers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJI [Fuji Electric]
Site Internet  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

BW50RAM-3P005 Fiches technique(HTML) 22 Page - Fuji Electric

Back Button BW50RAM-3P005 Datasheet HTML 18Page - Fuji Electric BW50RAM-3P005 Datasheet HTML 19Page - Fuji Electric BW50RAM-3P005 Datasheet HTML 20Page - Fuji Electric BW50RAM-3P005 Datasheet HTML 21Page - Fuji Electric BW50RAM-3P005 Datasheet HTML 22Page - Fuji Electric BW50RAM-3P005 Datasheet HTML 23Page - Fuji Electric BW50RAM-3P005 Datasheet HTML 24Page - Fuji Electric BW50RAM-3P005 Datasheet HTML 25Page - Fuji Electric BW50RAM-3P005 Datasheet HTML 26Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 93 page
background image
Fuji Electric FA Components & Systems Co., Ltd./D & C Catalog
Information subject to change without notice
06/22
Molded Case Circuit Breakers
G-TWIN series
Mounting modifications
n
Mounting modifications
• Standard series
Standard type FUJI breakers are front
mounting with front connections. The
standard breaker can easily be modified to
become front mounting rear connection type,
flush mounting type and plug-in type. The
additional parts such as insulation bases,
barriers, covers and similar parts are added
as required.
Front mounting
Front connection
Additional
main parts
Bar stud
terminal
Additional
main parts
Bar stud
terminal
Front mounting
Rear connection (X type)
Flush mounting
Rear connection (E type)
Additional
main parts
Plug-in mounting
(P type)
Additional
main parts
Flush mounting
Top and bottom
connection (Y type)
BW32
BW50
BW63
BW100
BW32
BW50
BW63
BW100
Round stud
terminal
BW32
BW50
BW63
BW100
BW50HAG
BW125
Each stud can be
turned by 90°
Each stud can be
turned by 90°
Each stud can be
turned by 90°
Bar stud
terminal
Bar stud
terminal
BW50HAG
BW125
BW160
BW250
BW400
BW630
BW800
BW50HAG
BW125
BW160
BW250
BW400
BW630
BW800
Bar stud
terminal
Bar stud
terminal
BW32
BW50
BW63
BW100
BW160
BW250
BW400
BW630
BW800
Decorative
flush plate
BASIC DESIGN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93