| Moteur de recherche de fiches techniques de composants électroniques |
|
USB2514B Fiches technique(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB2514B Fiches technique(HTML) 7 Page - Microchip Technology |
|
7 / 57 page ![]() 2010 - 2015 Microchip Technology Inc. DS00001692C-page 7 USB251xB/xBi 3.0 PIN INFORMATION This chapter outlines the pinning configurations for each package type available, followed by a corresponding pin list organized alphabetically. The detailed pin descriptions are listed then outlined by function in Section 3.3, "Pin Descrip- tions (Grouped by Function)," on page 12. 3.1 Pin Configurations The following figures detail the pinouts of the various USB251xB/xBi versions. FIGURE 3-1: USB2512B PIN DIAGRAM Ground Pad (must be connected to VSS) USB2512B/12Bi (Top View) 18 NC 17 16 15 14 VDD33 13 CRFILT 12 11 TEST 10 VDDA33 OCS_N2 PRTPWR2/BC_EN2 OCS_N1 PRTPWR1/BC_EN1 28 VDDA33 29 USBDP_UP 31 XTALOUT 32 33 RBIAS 36 VDDA33 35 PLLFILT 34 USBDM_UP 30 XTALIN/CLKIN SUSP_IND/LOCAL_PWR/NON_REM0 Indicates pins on the bottom of the device. |