Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB2513BI Fiches technique(PDF) 7 Page - Microchip Technology

No de pièce USB2513BI
Description  USB 2.0 Hi-Speed Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2513BI Fiches technique(HTML) 7 Page - Microchip Technology

Back Button USB2513BI Datasheet HTML 3Page - Microchip Technology USB2513BI Datasheet HTML 4Page - Microchip Technology USB2513BI Datasheet HTML 5Page - Microchip Technology USB2513BI Datasheet HTML 6Page - Microchip Technology USB2513BI Datasheet HTML 7Page - Microchip Technology USB2513BI Datasheet HTML 8Page - Microchip Technology USB2513BI Datasheet HTML 9Page - Microchip Technology USB2513BI Datasheet HTML 10Page - Microchip Technology USB2513BI Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001692C-page 7
USB251xB/xBi
3.0
PIN INFORMATION
This chapter outlines the pinning configurations for each package type available, followed by a corresponding pin list
organized alphabetically. The detailed pin descriptions are listed then outlined by function in Section 3.3, "Pin Descrip-
tions (Grouped by Function)," on page 12.
3.1
Pin Configurations
The following figures detail the pinouts of the various USB251xB/xBi versions.
FIGURE 3-1:
USB2512B PIN DIAGRAM
Ground Pad
(must be connected to VSS)
USB2512B/12Bi
(Top View)
18
NC
17
16
15
14
VDD33
13
CRFILT
12
11
TEST
10
VDDA33
OCS_N2
PRTPWR2/BC_EN2
OCS_N1
PRTPWR1/BC_EN1
28
VDDA33
29
USBDP_UP
31
XTALOUT
32
33
RBIAS
36
VDDA33
35
PLLFILT
34
USBDM_UP
30
XTALIN/CLKIN
SUSP_IND/LOCAL_PWR/NON_REM0
Indicates pins on the bottom of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57