Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CC2430-RTR1-F128Z Fiches technique(PDF) 91 Page - Texas Instruments

No de pièce CC2430-RTR1-F128Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F128Z Fiches technique(HTML) 91 Page - Texas Instruments

Back Button CC2430-RTR1-F128Z Datasheet HTML 87Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 88Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 89Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 90Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 91Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 92Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 93Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 94Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 91 of 232
MOV DMAARM, #0x03
; arm DMA channel 0 and 1
MOV DMAARM, #0x81
; disarm DMA channel 0,
; channel 1 is still armed
Figure 19: DMA arm/disarm example
13.2.5 DMA Interrupts
Each DMA channel can be configured to
generate an interrupt to the CPU upon
completing
a
DMA
transfer.
This
is
accomplished with the IRQMASK bit in the
channel configuration. The corresponding
interrupt flag in the DMAIRQ SFR register will
be set when the interrupt is generated.
Regardless of the IRQMASK bit in the channel
configuration, the interrupt flag will be set upon
DMA channel complete. Thus software should
always check (and clear) this register when
rearming a channel with a changed IRQMASK
setting. Failure to do so could generate an
interrupt based on the stored interrupt flag.
13.2.6 DMA Configuration Data Structure
For each DMA channel, the DMA configuration
data structure consists of eight bytes. The
configuration data structure is described in
Table 38.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More