| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F103VCH7TR Fiches technique(PDF) 77 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103VCH7TR Fiches technique(HTML) 77 Page - STMicroelectronics |
|
77 / 143 page ![]() DS5792 Rev 13 77/143 STM32F103xC, STM32F103xD, STM32F103xE Electrical characteristics 135 PC Card/CompactFlash controller waveforms and timings Figure 32 through Figure 37 represent synchronous waveforms and Table 39 provides the corresponding timings. The results shown in this table are obtained with the following FSMC configuration: • COM.FSMC_SetupTime = 0x04; • COM.FSMC_WaitSetupTime = 0x07; • COM.FSMC_HoldSetupTime = 0x04; • COM.FSMC_HiZSetupTime = 0x00; • ATT.FSMC_SetupTime = 0x04; • ATT.FSMC_WaitSetupTime = 0x07; • ATT.FSMC_HoldSetupTime = 0x04; • ATT.FSMC_HiZSetupTime = 0x00; • IO.FSMC_SetupTime = 0x04; • IO.FSMC_WaitSetupTime = 0x07; • IO.FSMC_HoldSetupTime = 0x04; • IO.FSMC_HiZSetupTime = 0x00; • TCLRSetupTime = 0; • TARSetupTime = 0; Figure 32. PC Card/CompactFlash controller waveforms for common memory read access 1. FSMC_NCE4_2 remains high (inactive during 8-bit access. |