| Moteur de recherche de fiches techniques de composants électroniques |
|
SP541 Fiches technique(PDF) 5 Page - Solid State Optronic |
|
|
|||||||||||||||||||||||||||||
SP541 Fiches technique(HTML) 5 Page - Solid State Optronic |
|
5 / 5 page ![]() SP541 1 Form A Solid State Relay Solid State Optronics (SSO) makes no warranties or representations with regards to the completeness and accuracy of this document. SSO reserves the right to make changes to product description, specifications at any time without further notice. SSO shall not assume any liability arising out of the application or use of any product or circuit described herein. Neither circuit patent licenses nor indemnity are expressed or implied. Except as specified in SSO's Standard Terms & Conditions, SSO disclaims liability for consequential or other damage, and we make no other warranty, expressed or implied, including merchantability and fitness for particular use. DISCLAIMER LIFE SUPPORT POLICY SSO does not authorize use of its devices in life support applications wherein failure or malfunction of a device may lead to personal injury or death. Users of SSO devices in life support applications assume all risks of such use and agree to indemnify SSO against any and all damages resulting from such use. Life support devices are defined as devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when used properly in accordance with instructions for use can be reasonably expected to result in significant injury to the user, or (d) a critical component in any component of a life support device or system whose failure can be reasonably expected to cause failure of the life support device or system, or to affect its safety or effectiveness. © 2004 Solid State Optronics • San José, CA www.ssousa.com • +1.408.293.4600 Page 5 of 5 SP541 rev 1.40 (10/25/2004) |