Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F103ZCT6TR Fiches technique(PDF) 77 Page - STMicroelectronics

No de pièce STM32F103ZCT6TR
Description  High-density performance line Arm®-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103ZCT6TR Fiches technique(HTML) 77 Page - STMicroelectronics

Back Button STM32F103ZCT6TR Datasheet HTML 73Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 74Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 75Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 76Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 77Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 78Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 79Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 80Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 143 page
background image
DS5792 Rev 13
77/143
STM32F103xC, STM32F103xD, STM32F103xE
Electrical characteristics
135
PC Card/CompactFlash controller waveforms and timings
Figure 32 through Figure 37 represent synchronous waveforms and Table 39 provides the
corresponding timings. The results shown in this table are obtained with the following FSMC
configuration:
•
COM.FSMC_SetupTime = 0x04;
•
COM.FSMC_WaitSetupTime = 0x07;
•
COM.FSMC_HoldSetupTime = 0x04;
•
COM.FSMC_HiZSetupTime = 0x00;
•
ATT.FSMC_SetupTime = 0x04;
•
ATT.FSMC_WaitSetupTime = 0x07;
•
ATT.FSMC_HoldSetupTime = 0x04;
•
ATT.FSMC_HiZSetupTime = 0x00;
•
IO.FSMC_SetupTime = 0x04;
•
IO.FSMC_WaitSetupTime = 0x07;
•
IO.FSMC_HoldSetupTime = 0x04;
•
IO.FSMC_HiZSetupTime = 0x00;
•
TCLRSetupTime = 0;
•
TARSetupTime = 0;
Figure 32. PC Card/CompactFlash controller waveforms for common memory read
access
1. FSMC_NCE4_2 remains high (inactive during 8-bit access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More