Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F103VCT6TR Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce STM32F103VCT6TR
Description  High-density performance line Arm®-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103VCT6TR Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button STM32F103VCT6TR Datasheet HTML 28Page - STMicroelectronics STM32F103VCT6TR Datasheet HTML 29Page - STMicroelectronics STM32F103VCT6TR Datasheet HTML 30Page - STMicroelectronics STM32F103VCT6TR Datasheet HTML 31Page - STMicroelectronics STM32F103VCT6TR Datasheet HTML 32Page - STMicroelectronics STM32F103VCT6TR Datasheet HTML 33Page - STMicroelectronics STM32F103VCT6TR Datasheet HTML 34Page - STMicroelectronics STM32F103VCT6TR Datasheet HTML 35Page - STMicroelectronics STM32F103VCT6TR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 143 page
background image
Pinouts and pin descriptions
STM32F103xC, STM32F103xD, STM32F103xE
32/143
DS5792 Rev 13
H4
F3
-
11
18
29
PC3(7)
I/O
-
PC3
ADC123_IN13
-
J1
G1
E7 12
19
30
VSSA
S-
VSSA
--
K1
H1
-
-
20
31
VREF-
S-
VREF-
--
L1
J1
F7
(8)
-21
32
VREF+
S-
VREF+
--
M1
K1
G8 13
22
33
VDDA
S-
VDDA
--
J2
G2
F6 14
23
34
PA0-WKUP
I/O
-
PA0
WKUP/USART2_CTS(9)
ADC123_IN0
TIM2_CH1_ETR
TIM5_CH1/TIM8_ETR
-
K2
H2
E6 15
24
35
PA1
I/O
-
PA1
USART2_RTS(9)
ADC123_IN1/
TIM5_CH2/TIM2_CH2(9)
-
L2
J2
H8 16
25
36
PA2
I/O
-
PA2
USART2_TX(9)/TIM5_CH3
ADC123_IN2/
TIM2_CH3 (9)
-
M2
K2
G7 17
26
37
PA3
I/O
-
PA3
USART2_RX(9)/TIM5_CH4
ADC123_IN3/TIM2_CH4(9)
-
G4
E4
F5 18
27
38
VSS_4
S-
VSS_4
--
F4
F4
G6 19
28
39
VDD_4
S-
VDD_4
--
J3
G3
H7 20
29
40
PA4
I/O
-
PA4
SPI1_NSS(9)/
USART2_CK(9)
DAC_OUT1/ADC12_IN4
-
K3
H3
E5 21
30
41
PA5
I/O
-
PA5
SPI1_SCK(9)
DAC_OUT2 ADC12_IN5
-
L3
J3
G5 22
31
42
PA6
I/O
-
PA6
SPI1_MISO(9)
TIM8_BKIN/ADC12_IN6
TIM3_CH1(9)
TIM1_BKIN
M3
K3
G4 23
32
43
PA7
I/O
-
PA7
SPI1_MOSI(9)/
TIM8_CH1N/ADC12_IN7
TIM3_CH2(9)
TIM1_CH1N
J4
G4
H6 24
33
44
PC4
I/O
-
PC4
ADC12_IN14
-
K4
H4
H5 25
34
45
PC5
I/O
-
PC5
ADC12_IN15
-
L4
J4
H4 26
35
46
PB0
I/O
-
PB0
ADC12_IN8/TIM3_CH3
TIM8_CH2N
TIM1_CH2N
M4
K4
F4 27
36
47
PB1
I/O
-
PB1
ADC12_IN9/TIM3_CH4(9)
TIM8_CH3N
TIM1_CH3N
Table 5. High-density STM32F103xC/D/E pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More