Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F407IGH6XXX Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce STM32F407IGH6XXX
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F407IGH6XXX Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button STM32F407IGH6XXX Datasheet HTML 9Page - STMicroelectronics STM32F407IGH6XXX Datasheet HTML 10Page - STMicroelectronics STM32F407IGH6XXX Datasheet HTML 11Page - STMicroelectronics STM32F407IGH6XXX Datasheet HTML 12Page - STMicroelectronics STM32F407IGH6XXX Datasheet HTML 13Page - STMicroelectronics STM32F407IGH6XXX Datasheet HTML 14Page - STMicroelectronics STM32F407IGH6XXX Datasheet HTML 15Page - STMicroelectronics STM32F407IGH6XXX Datasheet HTML 16Page - STMicroelectronics STM32F407IGH6XXX Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 201 page
background image
Figure 5 shows the general block diagram of the device family.
Table 2. STM32F405xx and STM32F407xx: features and peripheral counts
Peripherals
STM32F405RG STM32F405OG STM32F405VG STM32F405ZG STM32F405OE STM32F407Vx STM32F407Zx STM32F407Ix
Flash memory in
Kbytes
1024
512
512
1024
512
1024
512
1024
SRAM in
Kbytes
System
192(112+16+64)
Backup
4
FSMC memory
controller
No
Yes(1)
Ethernet
No
Yes
Timers
General-
purpose
10
Advanced
-control
2
Basic
2
IWDG
Yes
WWDG
Yes
RTC
Yes
Random number
generator
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More