Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB30-CS Fiches technique(PDF) 87 Page - Mitsubishi Electric Semiconductor

No de pièce MB30-CS
Description  TECHNICAL NOTES
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MB30-CS Fiches technique(HTML) 87 Page - Mitsubishi Electric Semiconductor

Back Button MB30-CS Datasheet HTML 83Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 84Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 85Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 86Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 87Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 88Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 89Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 90Page - Mitsubishi Electric Semiconductor MB30-CS Datasheet HTML 91Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 105 page
background image
86
Note: Load is assumed resistive, with elements conductive through 180
°.
Table 7.5 Thyristor Circuits and Current Formats
Fig. 7.13 AC- and DC-side Protectors for Thyristors
Fig. 7.14 Fault-Current Flow
Circuit No. I
Circuit No. II
Circuit No. III
Circuit No. IV
Element average current
IF (A)
Element RMS current
Ie (A)
Average DC current
ID (A)
RMS current
IB (A)
RMS current
IB (A)
Current
waveform
Current
waveform
Circuit diagram
π
IP
2
IP
2
IP
2
IP
π
IP
π
IP
π
IP
6 +
(
0.552
IP)
IP
1
4
π
M3
3 +
(
2.45
IF)
IF
π
1
2
π
M3
3 +
(
0.817
ID)
ID
1
3
π
2
π
M3
IF
or
2
IF
2
IF
3
IF
2
π I
F
2
π I
D
or
2
π I
F
4
π I
D
or
M2
π I
F (
2.22
IF)
2
M2
π I
D (
1.11
ID)
or
2 +
IF
3
IF
π
1
4
π
3
M3
2 +
ID
ID
1
3
π
4
π
3
M3
or
Ie
2
π I
D
or
M2
π I
F
2
M2
π I
D
or
M2
π I
F
2
M2
π I
D
or
Load
MCCB1
MCCB1
MCCB2
Load
MCCB1
MCCB2
Load
MCCB1
MCCB2
Load
IP
IP
IP
IP
IP
IP
IP
IP
MCCB1
MCCB2
Fault
element



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More