Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F103ZC Fiches technique(PDF) 34 Page - STMicroelectronics

No de pièce STM32F103ZC
Description  High-density performance line Arm®-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103ZC Fiches technique(HTML) 34 Page - STMicroelectronics

Back Button STM32F103ZC Datasheet HTML 30Page - STMicroelectronics STM32F103ZC Datasheet HTML 31Page - STMicroelectronics STM32F103ZC Datasheet HTML 32Page - STMicroelectronics STM32F103ZC Datasheet HTML 33Page - STMicroelectronics STM32F103ZC Datasheet HTML 34Page - STMicroelectronics STM32F103ZC Datasheet HTML 35Page - STMicroelectronics STM32F103ZC Datasheet HTML 36Page - STMicroelectronics STM32F103ZC Datasheet HTML 37Page - STMicroelectronics STM32F103ZC Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 143 page
background image
Pinouts and pin descriptions
STM32F103xC, STM32F103xD, STM32F103xE
34/143
DS5792 Rev 13
L11
H8
F2 35
53
75
PB14
I/O
FT
PB14
SPI2_MISO/TIM1_CH2N
USART3_RTS(9)/
-
L12
G8
F1 36
54
76
PB15
I/O
FT
PB15
SPI2_MOSI/I2S2_SD
TIM1_CH3N(9)/
-
L9
K9
-
-
55
77
PD8
I/O
FT
PD8
FSMC_D13
USART3_TX
K9
J9
-
-
56
78
PD9
I/O
FT
PD9
FSMC_D14
USART3_RX
J9
H9
-
-
57
79
PD10
I/O
FT
PD10
FSMC_D15
USART3_CK
H9
G9
-
-
58
80
PD11
I/O
FT
PD11
FSMC_A16
USART3_CTS
L10
K10
-
-
59
81
PD12
I/O
FT
PD12
FSMC_A17
TIM4_CH1 /
USART3_RTS
K10
J10
-
-
60
82
PD13
I/O
FT
PD13
FSMC_A18
TIM4_CH2
G8
-
-
-
-
83
VSS_8
S-
VSS_8
--
F8
-
-
-
-
84
VDD_8
S-
VDD_8
--
K11
H10
-
-
61
85
PD14
I/O
FT
PD14
FSMC_D0
TIM4_CH3
K12 G10
-
-
62
86
PD15
I/O
FT
PD15
FSMC_D1
TIM4_CH4
J12
-
-
-
-
87
PG2
I/O
FT
PG2
FSMC_A12
-
J11
-
-
-
-
88
PG3
I/O
FT
PG3
FSMC_A13
-
J10
-
-
-
-
89
PG4
I/O
FT
PG4
FSMC_A14
-
H12
-
-
-
-
90
PG5
I/O
FT
PG5
FSMC_A15
-
H11
-
-
-
-
91
PG6
I/O
FT
PG6
FSMC_INT2
-
H10
-
-
-
-
92
PG7
I/O
FT
PG7
FSMC_INT3
-
G11
-
-
-
-
93
PG8
I/O
FT
PG8
-
-
G10
-
-
-
-
94
VSS_9
S-
VSS_9
--
F10
-
-
-
-
95
VDD_9
S-
VDD_9
--
G12
F10 E1 37
63
96
PC6
I/O
FT
PC6
I2S2_MCK/
TIM8_CH1/SDIO_D6
TIM3_CH1
F12
E10 E2 38
64
97
PC7
I/O
FT
PC7
I2S3_MCK/
TIM8_CH2/SDIO_D7
TIM3_CH2
F11
F9
E3 39
65
98
PC8
I/O
FT
PC8
TIM8_CH3/SDIO_D0
TIM3_CH3
E11
E9
D1 40
66
99
PC9
I/O
FT
PC9
TIM8_CH4/SDIO_D1
TIM3_CH4
E12
D9
E4 41
67
100
PA8
I/O
FT
PA8
USART1_CK/
TIM1_CH1(9)/MCO
-
Table 5. High-density STM32F103xC/D/E pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More