Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F405RG Fiches technique(PDF) 55 Page - STMicroelectronics

No de pièce STM32F405RG
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405RG Fiches technique(HTML) 55 Page - STMicroelectronics

Back Button STM32F405RG Datasheet HTML 51Page - STMicroelectronics STM32F405RG Datasheet HTML 52Page - STMicroelectronics STM32F405RG Datasheet HTML 53Page - STMicroelectronics STM32F405RG Datasheet HTML 54Page - STMicroelectronics STM32F405RG Datasheet HTML 55Page - STMicroelectronics STM32F405RG Datasheet HTML 56Page - STMicroelectronics STM32F405RG Datasheet HTML 57Page - STMicroelectronics STM32F405RG Datasheet HTML 58Page - STMicroelectronics STM32F405RG Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 201 page
background image
DocID022152 Rev 6
55/201
STM32F405xx, STM32F407xx
Pinouts and pin description
-
-
-
-
C14 133
PI2
I/O
FT
-
TIM8_CH4 /SPI2_MISO /
DCMI_D9 / I2S2ext_SD/
EVENTOUT
-
-
-
-
-
C13 134
PI3
I/O
FT
TIM8_ETR / SPI2_MOSI /
I2S2_SD / DCMI_D10/
EVENTOUT
-
-
-
-
-
D9 135
VSS
S-
-
-
-
-
-
-
-
C9 136
VDD
S-
-
-
-
49 A2 76 109 A14 137
PA14
(JTCK/SWCLK)
I/O
FT
-
JTCK-SWCLK/ EVENTOUT
-
50 B3 77 110 A13 138
PA15
(JTDI)
I/O
FT
-
JTDI/ SPI3_NSS/
I2S3_WS/TIM2_CH1_ETR
/ SPI1_NSS / EVENTOUT
-
51 D5 78 111 B14 139
PC10
I/O
FT
-
SPI3_SCK / I2S3_CK/
UART4_TX/SDIO_D2 /
DCMI_D8 / USART3_TX/
EVENTOUT
-
52 C4 79 112 B13 140
PC11
I/O
FT
-
UART4_RX/ SPI3_MISO /
SDIO_D3 /
DCMI_D4/USART3_RX /
I2S3ext_SD/ EVENTOUT
-
53 A3 80 113 A12 141
PC12
I/O
FT
-
UART5_TX/SDIO_CK /
DCMI_D9 / SPI3_MOSI
/I2S3_SD / USART3_CK/
EVENTOUT
-
-
D6 81 114 B12 142
PD0
I/O
FT
-
FSMC_D2/CAN1_RX/
EVENTOUT
-
-
C5 82 115 C12 143
PD1
I/O
FT
-
FSMC_D3 / CAN1_TX/
EVENTOUT
-
54 B4 83 116 D12 144
PD2
I/O
FT
-
TIM3_ETR/UART5_RX/
SDIO_CMD / DCMI_D11/
EVENTOUT
-
-
-
84 117 D11 145
PD3
I/O
FT
-
FSMC_CLK/
USART2_CTS/
EVENTOUT
-
Table 7. STM32F40xxx pin and ball definitions (continued)
Pin number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More