| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F103XC Fiches technique(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103XC Fiches technique(HTML) 36 Page - STMicroelectronics |
|
36 / 143 page ![]() Pinouts and pin descriptions STM32F103xC, STM32F103xD, STM32F103xE 36/143 DS5792 Rev 13 C8 - - - - 126 PG11 I/O FT PG11 FSMC_NCE4_2 - B8 - - - - 127 PG12 I/O FT PG12 FSMC_NE4 - D7 - - - - 128 PG13 I/O FT PG13 FSMC_A24 - C7 - - - - 129 PG14 I/O FT PG14 FSMC_A25 - E6 - - - - 130 VSS_11 S- VSS_11 -- F6 - - - - 131 VDD_11 S- VDD_11 -- B7 - - - - 132 PG15 I/O FT PG15 - - A7 A7 A4 55 89 133 PB3 I/O FT JTDO SPI3_SCK / I2S3_CK/ PB3/TRACES WO TIM2_CH2 / SPI1_SCK A6 A6 B4 56 90 134 PB4 I/O FT NJTRST SPI3_MISO PB4 / TIM3_CH1 SPI1_MISO B6 C5 A5 57 91 135 PB5 I/O - PB5 I2C1_SMBA/ SPI3_MOSI I2S3_SD TIM3_CH2 / SPI1_MOSI C6 B5 B5 58 92 136 PB6 I/O FT PB6 I2C1_SCL(9)/ TIM4_CH1(9) USART1_TX D6 A5 C5 59 93 137 PB7 I/O FT PB7 I2C1_SDA(9) / FSMC_NADV / TIM4_CH2(9) USART1_RX D5 D5 A6 60 94 138 BOOT0 I - BOOT0 - - C5 B4 D5 61 95 139 PB8 I/O FT PB8 TIM4_CH3(9)/SDIO_D4 I2C1_SCL/ CAN_RX B5 A4 B6 62 96 140 PB9 I/O FT PB9 TIM4_CH4(9)/SDIO_D5 I2C1_SDA / CAN_TX A5 D4 - - 97 141 PE0 I/O FT PE0 TIM4_ETR / FSMC_NBL0 - A4 C4 - - 98 142 PE1 I/O FT PE1 FSMC_NBL1 - E5 E5 A7 63 99 143 VSS_3 S- VSS_3 -- F5 F5 A8 64 10 0 144 VDD_3 S- VDD_3 -- 1. I = input, O = output, S = supply. 2. FT = 5 V tolerant. 3. Function availability depends on the chosen device. 4. If several peripherals share the same I/O pin, to avoid conflict between these alternate functions only one peripheral should be enabled at a time through the peripheral clock enable bit (in the corresponding RCC peripheral clock enable register). Table 5. High-density STM32F103xC/D/E pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions(4) Default Remap |