Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT24C02C Fiches technique(PDF) 4 Page - Microchip Technology

No de pièce AT24C02C
Description  I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24C02C Fiches technique(HTML) 4 Page - Microchip Technology

  AT24C02C Datasheet HTML 1Page - Microchip Technology AT24C02C Datasheet HTML 2Page - Microchip Technology AT24C02C Datasheet HTML 3Page - Microchip Technology AT24C02C Datasheet HTML 4Page - Microchip Technology AT24C02C Datasheet HTML 5Page - Microchip Technology AT24C02C Datasheet HTML 6Page - Microchip Technology AT24C02C Datasheet HTML 7Page - Microchip Technology AT24C02C Datasheet HTML 8Page - Microchip Technology AT24C02C Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
1.
Package Types (not to scale)
A0
A1
A2
GND
Vcc
WP
SCL
SDA
8-pad UDFN
(Top View)
8-lead PDIP/SOIC/TSSOP
(Top View)
A0
1
2
3
4
8
7
6
5
A1
A2
GND
Vcc
WP
SCL
SDA
1
2
3
4
8
7
6
5
A0
A1
A2
GND
Vcc
WP
SCL
SDA
8-ball VFBGA
(Top View)
5-lead SOT23(1)
(Top View)
SCL
1
2
3
5
4
GND
SDA
WP
Vcc
1
2
3
4
5
6
7
8
Note: 
1.
Refer to Device Addressing for details about addressing the SOT23 version of the device.
AT24C01C/AT24C02C
Package Types (not to scale)
© 2018 Microchip Technology Inc.
Datasheet
DS20006111A-page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45