Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32G0B1VB Fiches technique(PDF) 69 Page - STMicroelectronics

No de pièce STM32G0B1VB
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM, 6x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0B1VB Fiches technique(HTML) 69 Page - STMicroelectronics

Back Button STM32G0B1VB Datasheet HTML 65Page - STMicroelectronics STM32G0B1VB Datasheet HTML 66Page - STMicroelectronics STM32G0B1VB Datasheet HTML 67Page - STMicroelectronics STM32G0B1VB Datasheet HTML 68Page - STMicroelectronics STM32G0B1VB Datasheet HTML 69Page - STMicroelectronics STM32G0B1VB Datasheet HTML 70Page - STMicroelectronics STM32G0B1VB Datasheet HTML 71Page - STMicroelectronics STM32G0B1VB Datasheet HTML 72Page - STMicroelectronics STM32G0B1VB Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 159 page
background image
DS13560 Rev 2
69/159
STM32G0B1xB/xC/xE
Electrical characteristics
124
VPDR(2)
Power-down reset threshold
-
1.60
1.64
1.69
V
VBOR1
Brownout reset threshold 1
VDD rising
2.05
2.10
2.18
V
VDD falling
1.95
2.00
2.08
VBOR2
Brownout reset threshold 2
VDD rising
2.20
2.31
2.38
V
VDD falling
2.10
2.21
2.28
VBOR3
Brownout reset threshold 3
VDD rising
2.50
2.62
2.68
V
VDD falling
2.40
2.52
2.58
VBOR4
Brownout reset threshold 4
VDD rising
2.80
2.91
3.00
V
VDD falling
2.70
2.81
2.90
VPVD0
Programmable voltage detector threshold 0
VDD rising
2.05
2.15
2.22
V
VDD falling
1.95
2.05
2.12
VPVD1
PVD threshold 1
VDD rising
2.20
2.30
2.37
V
VDD falling
2.10
2.20
2.27
VPVD2
PVD threshold 2
VDD rising
2.35
2.46
2.54
V
VDD falling
2.25
2.36
2.44
VPVD3
PVD threshold 3
VDD rising
2.50
2.62
2.70
V
VDD falling
2.40
2.52
2.60
VPVD4
PVD threshold 4
VDD rising
2.65
2.74
2.87
V
VDD falling
2.55
2.64
2.77
VPVD5
PVD threshold 5
VDD rising
2.80
2.91
3.03
V
VDD falling
2.70
2.81
2.93
VPVD6
PVD threshold 6
VDD rising
2.90
3.01
3.14
V
VDD falling
2.80
2.91
3.04
Vhyst_POR_PDR
Hysteresis of VPOR and VPDR
Hysteresis in
continuous
mode
-20
-
mV
Hysteresis in
other mode
-30
-
Vhyst_BOR_PVD
Hysteresis of VBORx and VPVDx
-
-
100
-
mV
IDD(BOR_PVD)(2)
BOR and PVD consumption
-
-
1.1
1.6
µA
1. Continuous mode means Run/Sleep modes, or temperature sensor enable in Low-power run/Low-power sleep modes.
2. Guaranteed by design.
Table 26. Embedded reset and power control block characteristics (continued)
Symbol
Parameter
Conditions(1)
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com