| Moteur de recherche de fiches techniques de composants électroniques |
|
CMP Fiches technique(PDF) 1 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
CMP Fiches technique(HTML) 1 Page - 3M Electronics |
|
1 / 6 page ![]() PB-IB TSA & CMP Tools - 1 Product & Instruction Bulletin TSA & CMP Tools Release B, Effective March 2008 See Bulletin Change Summary at end of Bulletin Film Applicators for Textured Surfaces 3M t Textured Surface Applicator TSA-1, Large Area Roller 3M t Textured Surface Applicator TSA-2, Mortar Joint Roller 3M t Textured Surface Applicator TSA-3, Edge Roller 3M t Two-Handled Textured Surface Applicator TSA-4, Large Area Roller 3M t Power Grip Magic Pad Applicator CMP-1 Note: Some tools and processes in this Bulletin are described and claimed in 3M Patents and pending Patent applications. Intended Use These tools, except the pad applicator CMP-1, are intended primarily for applying 3M™ Scotchcal™ Graphic Film for Textured Surfaces IJ8624 or 8624 ES to moderately textured wall surfaces using high heat. The use of such high heat with other films is not recommended. Health and Safety WARNING ! Physical Comfort Any activity performed for a long period of time in an awkward position or with a high amount of force is potentially a risk for causing musculoskeletal strain, pain or injury. When applying graphics, follow these practices to improve comfort and avoid injury: • Alternative your tasks during the application. • Schedule regular breaks. • Perform stretches or do exercises to improve circulation. • Avoid awkward reaching. WARNING ! Risks of Using Heat Sources • Read, understand and follow the safety instructions contained in both this 3M Instruc tion Bulletin as well as the heat-gun manufacturer's manual. • Wear a heat-resistant glove on the hand(s) holding the applicator. • Do not use heat sources near solvent mixtures or residues, or in areas where solvent vapors may be present at hazardous levels. • Never use an open-flame heat source in this process. CAUTION ! Ventilation Always provide adequate ventilation to remove emissions that may result from the use of heat. Failure to provide adequate ventilation can result in operator exposure. High Heat May Degrade Foam Rollers and Damage Substrate High heat directed at the foam may degrade the foam. Always direct the heat toward the film, not the foam roller. High heat may also damage the substrate: use with caution. Air Quality Regulations State Volatile Organic Compound (VOC) regulations may prohibit the use of certain cleaning solutions. For example, the California South Coast Air Quality Management District prohibits use of certain solvent-based solutions without a permit and other California AQMD's prohibit use of certain solutions without a permit or a regulatory exemption. You should check with your State environmental authorities to determine whether use of this solution is restricted or prohibited. |
Numéro de pièce similaire - CMP |
|
Description similaire - CMP |