| Moteur de recherche de fiches techniques de composants électroniques |
|
LM124WB Fiches technique(PDF) 24 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM124WB Fiches technique(HTML) 24 Page - Texas Instruments |
|
24 / 47 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 13-Jul-2022 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LM2902KNSR ACTIVE SO NS 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 LM2902K Samples LM2902KNSRG4 ACTIVE SO NS 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 LM2902K Samples LM2902KPW ACTIVE TSSOP PW 14 90 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 L2902K Samples LM2902KPWE4 ACTIVE TSSOP PW 14 90 TBD Call TI Call TI -40 to 125 Samples LM2902KPWR ACTIVE TSSOP PW 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 L2902K Samples LM2902KVQDR ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 L2902KV Samples LM2902KVQDRG4 ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 L2902KV Samples LM2902KVQPWR ACTIVE TSSOP PW 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 L2902KV Samples LM2902KVQPWRG4 ACTIVE TSSOP PW 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 L2902KV Samples LM2902N ACTIVE PDIP N 14 25 RoHS & Green NIPDAU | SN N / A for Pkg Type -40 to 125 LM2902N Samples LM2902NE4 ACTIVE PDIP N 14 25 RoHS & Green NIPDAU N / A for Pkg Type -40 to 125 LM2902N Samples LM2902NSR ACTIVE SO NS 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 LM2902 Samples LM2902PW ACTIVE TSSOP PW 14 90 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 L2902 Samples LM2902PWR ACTIVE TSSOP PW 14 2000 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -40 to 125 L2902 Samples LM2902PWRE4 ACTIVE TSSOP PW 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 L2902 Samples LM2902PWRG3 ACTIVE TSSOP PW 14 2000 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 L2902 Samples LM2902PWRG4 ACTIVE TSSOP PW 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 L2902 Samples LM324AD ACTIVE SOIC D 14 50 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM324A Samples LM324ADBR ACTIVE SSOP DB 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM324A Samples LM324ADE4 ACTIVE SOIC D 14 50 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM324A Samples LM324ADR ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM 0 to 70 LM324A Samples Addendum-Page 4 |