Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM324KA Fiches technique(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM324KA
Description  LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM324KA Fiches technique(HTML) 34 Page - Texas Instruments

Back Button LM324KA Datasheet HTML 30Page - Texas Instruments LM324KA Datasheet HTML 31Page - Texas Instruments LM324KA Datasheet HTML 32Page - Texas Instruments LM324KA Datasheet HTML 33Page - Texas Instruments LM324KA Datasheet HTML 34Page - Texas Instruments LM324KA Datasheet HTML 35Page - Texas Instruments LM324KA Datasheet HTML 36Page - Texas Instruments LM324KA Datasheet HTML 37Page - Texas Instruments LM324KA Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
3-Jun-2022
Device
Package Name
Package Type
Pins
SPQ
L (mm)
W (mm)
T (µm)
B (mm)
LM2902N
N
PDIP
14
25
506
13.97
11230
4.32
LM2902N
N
PDIP
14
25
506.1
9
600
5.4
LM2902NE4
N
PDIP
14
25
506
13.97
11230
4.32
LM2902PW
PW
TSSOP
14
90
530
10.2
3600
3.5
LM324AD
D
SOIC
14
50
506.6
8
3940
4.32
LM324ADE4
D
SOIC
14
50
506.6
8
3940
4.32
LM324AN
N
PDIP
14
25
506
13.97
11230
4.32
LM324AN
N
PDIP
14
25
506
13.97
11230
4.32
LM324APW
PW
TSSOP
14
90
530
10.2
3600
3.5
LM324APWE4
PW
TSSOP
14
90
530
10.2
3600
3.5
LM324D
D
SOIC
14
50
507
8
3940
4.32
LM324D
D
SOIC
14
50
506.6
8
3940
4.32
LM324DE4
D
SOIC
14
50
507
8
3940
4.32
LM324DE4
D
SOIC
14
50
506.6
8
3940
4.32
LM324DG4
D
SOIC
14
50
507
8
3940
4.32
LM324DG4
D
SOIC
14
50
506.6
8
3940
4.32
LM324KAD
D
SOIC
14
50
506.6
8
3940
4.32
LM324KAN
N
PDIP
14
25
506
13.97
11230
4.32
LM324KAN
N
PDIP
14
25
506
13.97
11230
4.32
LM324KAPW
PW
TSSOP
14
90
530
10.2
3600
3.5
LM324KN
N
PDIP
14
25
506
13.97
11230
4.32
LM324KN
N
PDIP
14
25
506
13.97
11230
4.32
LM324KPW
PW
TSSOP
14
90
530
10.2
3600
3.5
LM324N
N
PDIP
14
25
506
13.97
11230
4.32
LM324N
N
PDIP
14
25
506
13.97
11230
4.32
LM324N
N
PDIP
14
25
506.1
9
600
5.4
LM324NE3
N
PDIP
14
25
506.1
9
600
5.4
LM324NE4
N
PDIP
14
25
506
13.97
11230
4.32
LM324NE4
N
PDIP
14
25
506
13.97
11230
4.32
LM324PW
PW
TSSOP
14
90
530
10.2
3600
3.5
Pack Materials-Page 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47