Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPFS160T Fiches technique(PDF) 18 Page - Microchip Technology

No de pièce MPFS160T
Description  PolarFire® SoC Product Overview
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS160T Fiches technique(HTML) 18 Page - Microchip Technology

Back Button MPFS160T Datasheet HTML 14Page - Microchip Technology MPFS160T Datasheet HTML 15Page - Microchip Technology MPFS160T Datasheet HTML 16Page - Microchip Technology MPFS160T Datasheet HTML 17Page - Microchip Technology MPFS160T Datasheet HTML 18Page - Microchip Technology MPFS160T Datasheet HTML 19Page - Microchip Technology MPFS160T Datasheet HTML 20Page - Microchip Technology MPFS160T Datasheet HTML 21Page - Microchip Technology MPFS160T Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
Figure 3-2. AXI Switch Connectivity
Table 3-4. Processor Interconnect
Master
PMP Region Count
FIC_0
16
FIC_1
16
FIC_2
8
Crytpo
4
Ethernet_0
8
Ethernet_1
8
USB
4
MMC
4
DRI
8
Trace
2
3.5
Processor I/O
The PolarFire SoC Microprocessor Subsystem supports 38 general-purpose IOs called as MSS IOs apart from DDR
IOs, SGMII IO for Ethernet MACs, and IOs for reference clocks.
The MSS IOs support the following peripherals.
• eMMC/SD/SDIO
• USB
• QSPI-XIP
• Two CAN
• Five UARTs
• Two SPI
Microprocessor Subsystem
© 2021 Microchip Technology Inc.
and its subsidiaries
Overview
DS60001656C-page 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50