| Moteur de recherche de fiches techniques de composants électroniques |
|
DS0147 Fiches technique(PDF) 60 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DS0147 Fiches technique(HTML) 60 Page - Microchip Technology |
|
60 / 128 page ![]() Clock-to-D- ata Condi- tion –1 (Mbps) STD (Mbps) –1 (MHz) STD (MHz) I/O Type Topology Interface N- ame Parameter source, cen- tered From a HS_ IO_CLK 700 700 350 350 HSIO Rx DDR digi- tal mode RX_DDRX_ B_G_A Input FMAX 2:1 620 600 310 300 GPIO clock source, aligned, global fab- ric clock From a HS_ IO_CLK 700 700 350 350 HSIO Rx DDR digi- tal mode RX_DDRX_ B_G_A Input FMAX 4:1 620 600 310 300 GPIO clock source, aligned, global fab- ric clock From a HS_ IO_CLK 700 700 350 350 HSIO Rx DDR digi- tal mode RX_DDRX_ B_G_FA Input FMAX 3.5:1 640 640 320 320 GPIO clock source, for fraction- al aligned, global fab- ric clock, fractional input From a HS_ IO_CLK 700 700 350 350 HSIO Rx DDR digi- tal mode RX_DDRX_ B_G_C Input FMAX 2:1 620 600 310 300 GPIO clock source, cen- tered, glob- al fabric clock From a HS_ IO_CLK 700 700 350 350 HSIO Rx DDR digi- tal mode RX_DDRX_ B_G_C Input FMAX 4:1 Input FMAX 5:1 620 600 310 300 GPIO clock source, cen- tered, glob- al fabric clock From a HS_ IO_CLK 1500 1 1000 1 750 1 500 1 GPIO Rx DDR digi- tal mode for MIPI RX_DDRX_ B_G_DYN_ MIPI Input FMAX 4:1 clock source, cen- tered, glob- al fabric clock From a HS_ IO_CLK 540 440 270 220 HSIO Rx DDR digi- tal mode RX_DDRX_ B_R_A Input FMAX 2:1 500 410 250 205 GPIO clock source, aligned, re- 56 Microsemi Proprietary and Confidential. DS0147 Revision 1.0 AC Switching Characteristics |