| Moteur de recherche de fiches techniques de composants électroniques |
|
DM080104 Fiches technique(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM080104 Fiches technique(HTML) 21 Page - Microchip Technology |
|
21 / 39 page ![]() Figure 3-10. Curiosity Nano Standard Pinout USB DEBUGGER PS LED NC ID CDC RX CDC TX DBG1 DBG2 VBUS VOFF DBG3 DBG0 GND VTG CURIOSITY NANO Table 3-4. Programming and Debugging Interfaces Curiosity Nano Pin UPDI ICSP™ SWD DBG0 UPDI DATA SWDIO DBG1 - CLK SWCLK DBG2 - - - DBG3 - #MCLR #RESET 3.6 Connecting External Debuggers Even though there is an on-board debugger, external debuggers can be connected directly to the ATtiny1627 Curiosity Nano to program/debug the ATtiny1627. The on-board debugger keeps all the pins connected to the ATtiny1627 and board edge in tri-state when not actively used. Therefore, the on-board debugger will not interfere with any external debug tools. ATtiny1627 Curiosity Nano © 2020 Microchip Technology Inc. User Guide DS40002199A-page 21 |