Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F373 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce STM32F373
Description  STM32 development boards
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F373 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button STM32F373 Datasheet HTML 7Page - STMicroelectronics STM32F373 Datasheet HTML 8Page - STMicroelectronics STM32F373 Datasheet HTML 9Page - STMicroelectronics STM32F373 Datasheet HTML 10Page - STMicroelectronics STM32F373 Datasheet HTML 11Page - STMicroelectronics STM32F373 Datasheet HTML 12Page - STMicroelectronics STM32F373 Datasheet HTML 13Page - STMicroelectronics STM32F373 Datasheet HTML 14Page - STMicroelectronics STM32F373 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Power supply through USB
STM32L496VGT6 MCU @ 80 MHz
3 x 12-bit ADC @ 3.2 Msamples/s
Arduino connectors compatible with
Nucleo-32, 64 & 144 boards
4-wire connector
for any type of target board
Local display:
EEMBC ULPBench score
STM32 Power Shield anatomy
STM32 power shield anatomy
11
More information at:
www.st.com/x-nucleo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26