Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H7B3 Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce STM32H7B3
Description  STM32 development boards
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B3 Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button STM32H7B3 Datasheet HTML 15Page - STMicroelectronics STM32H7B3 Datasheet HTML 16Page - STMicroelectronics STM32H7B3 Datasheet HTML 17Page - STMicroelectronics STM32H7B3 Datasheet HTML 18Page - STMicroelectronics STM32H7B3 Datasheet HTML 19Page - STMicroelectronics STM32H7B3 Datasheet HTML 20Page - STMicroelectronics STM32H7B3 Datasheet HTML 21Page - STMicroelectronics STM32H7B3 Datasheet HTML 22Page - STMicroelectronics STM32H7B3 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Part number
MCU
USB
Audio
Display
Connectivity
Expansion
STLink
STM32H7B3I-DK
STM32H7B3
OTG
x
Color LCD
480x272
Add-on (optional)
Arduino Uno, STMod+,
Mikrobus, Grove
V3
STM32H735G-DK
STM32H735
OTG
x
Color LCD
480x272
Ethernet
Arduino Uno,
Pmod, STMod+,
Mikrobus, Grove
V3
STM32H745I-DISCO
STM32H745
OTG
x
Color LCD
480x272
Ethernet
Arduino Uno, STMod+,
Mikrobus, Grove
V3
STM32H747I-DISCO
STM32H747
OTG HS
x
Color LCD
800x480
Ethernet
Arduino Uno,
Pmod, STMod+,
Mikrobus, Grove
V3
STM32H750B-DK
STM32H750
OTG
x
Color LCD
480x272
Ethernet
Arduino Uno, STMod+,
Mikrobus, Grove
V3
STM32WB5MM-DK
STM32WB5MM
OTG
x
OLED
128x64
BLE v5.2,
Zigbee, Thread
Arduino Uno, STMod+,
Mikrobus, Grove
V2-1
Discovery kit portfolio 4/5
STM32H7
STM32Wx
19
More information at:
www.st.com/stm32discovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26