Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F3DISCOVERY Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce STM32F3DISCOVERY
Description  STM32 development boards
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F3DISCOVERY Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button STM32F3DISCOVERY Datasheet HTML 14Page - STMicroelectronics STM32F3DISCOVERY Datasheet HTML 15Page - STMicroelectronics STM32F3DISCOVERY Datasheet HTML 16Page - STMicroelectronics STM32F3DISCOVERY Datasheet HTML 17Page - STMicroelectronics STM32F3DISCOVERY Datasheet HTML 18Page - STMicroelectronics STM32F3DISCOVERY Datasheet HTML 19Page - STMicroelectronics STM32F3DISCOVERY Datasheet HTML 20Page - STMicroelectronics STM32F3DISCOVERY Datasheet HTML 21Page - STMicroelectronics STM32F3DISCOVERY Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Part number
MCU
USB
Audio
Display
Connectivity
Expansion
STLink
STM32F4DISCOVERY
STM32F407
OTG
x
Proprietary
V2
32F411EDISCOVERY
STM32F411
OTG
x
Proprietary
V2
32F412GDISCOVERY
STM32F412
OTG
x
Color LCD
240x240
Add-on (optional)
Arduino Uno
V2-1
32F413HDISCOVERY
STM32F413
OTG
x
Color LCD
240x240
Wi-Fi
Arduino Uno
V2-1
32F429IDISCOVERY
STM32F429
OTG
Color LCD QVGA
Add-on (optional)
Arduino Uno
V2
32F469IDISCOVERY
STM32F469
OTG
x
Color LCD
800x480
Add-on (optional)
Arduino Uno
V2-1
32F723EDISCOVERY
STM32F723
OTG HS
x
Color LCD
240x240
Add-on (optional)
Arduino Uno,
Pmod, STMod+,
MikroBus, Grove
V2-1
32F746GDISCOVERY
STM32F746
OTG HS
x
Color LCD
480x272
Ethernet
Arduino Uno
V2-1
STM32F7508-DK
STM32F750
OTG HS
x
Color LCD
480x272
Ethernet
Arduino Uno
V2-1
32F769IDISCOVERY
STM32F769
OTG HS
x
Color LCD
800x480
Ethernet
Arduino Uno
V2-1
Discovery kit portfolio 3/5
STM32F4
STM32F7
18
More information at:
www.st.com/stm32discovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26