Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L4+ Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STM32L4+
Description  This module presentation presents the key differences between the STM32L4 and the STM32L476/L486 devices.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4+ Fiches technique(HTML) 5 Page - STMicroelectronics

  STM32L4+ Datasheet HTML 1Page - STMicroelectronics STM32L4+ Datasheet HTML 2Page - STMicroelectronics STM32L4+ Datasheet HTML 3Page - STMicroelectronics STM32L4+ Datasheet HTML 4Page - STMicroelectronics STM32L4+ Datasheet HTML 5Page - STMicroelectronics STM32L4+ Datasheet HTML 6Page - STMicroelectronics STM32L4+ Datasheet HTML 7Page - STMicroelectronics STM32L4+ Datasheet HTML 8Page - STMicroelectronics STM32L4+ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
STM32L4+ & STM32L4 Series
Pin Compatibility
4
Pin 20 to pin 129
are not compatible
Pin 19 to pin 98
are not compatible
• Pin difference notification for board design with STM32L4S9xx/4R9xx
LQFP144
LQFP100
UFBGA169 Ball-out not compatible
Balls in Blue are
not compatible
The three figures illustrate the LQFP100, LQFP144 and
UFBGA169 pinout/ball-out differences between
STM32L476/486, STM32L4Q5xx/P5xx and the
STM32L4R9/4S9 lines.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33