Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L4 Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce STM32L4
Description  This module presentation presents the key differences between the STM32L4 and the STM32L476/L486 devices.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4 Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button STM32L4 Datasheet HTML 20Page - STMicroelectronics STM32L4 Datasheet HTML 21Page - STMicroelectronics STM32L4 Datasheet HTML 22Page - STMicroelectronics STM32L4 Datasheet HTML 23Page - STMicroelectronics STM32L4 Datasheet HTML 24Page - STMicroelectronics STM32L4 Datasheet HTML 25Page - STMicroelectronics STM32L4 Datasheet HTML 26Page - STMicroelectronics STM32L4 Datasheet HTML 27Page - STMicroelectronics STM32L4 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Low Power Modes 23
STM32L4+
STM32L476/486xx
Low Power
Modes
STOP0
STOP1
STOP2 SRAM3 OFF
STOP2
STOP2 SRAM3 ON
Standby SRAM2 (64 Kbytes) OFF(1)
Standby
Standby SRAM2 (64 Kbytes) ON(1)
Shutdown
(1) On STM32L4P5xx/4Q5xx devices SRAM2 can be fully (64 Kbytes) or partially (4 Kbytes) retained in Standby
The STM32L4+ series features the same Low Power mode
as the STM32L4 series with a new option to switch OFF or
ON the SRAM3 during STOP2 mode and to switch OFF or
ON the SRAM2 in Standby mode.
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33