| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F0DISCOVERY Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F0DISCOVERY Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 26 page ![]() • Ultra-low-power consumption measurements: • Supply target board from 1.8 to 3.3V • Dynamic current from 100 nA to 50 mA • Static current from 1 nA to 200 mA • Accuracy approximately 2% • Intuitive user experience: • Two operating modes (stand-alone or PC-controlled) • Graphical PC application (multi-OS) • Resale price (RRP) $70 • Official EEMBC Energy Monitor v2.0: • Direct computation of ULPMark scores STM32 power profiling X-NUCLEO-LPM01A 12 www.st.com/stm32cubemonpwr |