Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32 Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce STM32
Description  STM32 development boards
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32 Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button STM32 Datasheet HTML 13Page - STMicroelectronics STM32 Datasheet HTML 14Page - STMicroelectronics STM32 Datasheet HTML 15Page - STMicroelectronics STM32 Datasheet HTML 16Page - STMicroelectronics STM32 Datasheet HTML 17Page - STMicroelectronics STM32 Datasheet HTML 18Page - STMicroelectronics STM32 Datasheet HTML 19Page - STMicroelectronics STM32 Datasheet HTML 20Page - STMicroelectronics STM32 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Part number
MCU
USB
Audio
Display
Connectivity
Expansion
STLink
32L0538DISCOVERY
STM32L053
x
E-paper
172x72
Proprietary
V2-1
32L152CDISCOVERY
STM32L152
LCD
Proprietary
V2
B-L475E-IOT01A
STM32L475
OTG
Digital mics
BLE, SubGHz,
NFC, WiFi
Arduino Uno, Pmod
V2-1
32L496GDISCOVERY
STM32L496
OTG
x
Color LCD
240x240
Add-on (optional)
Arduino Uno, Pmod,
STmod+,
MikroBus, Grove
V2-1
B-L462E-CELL1
STM32L462
x
x
OLED
128x64
LTE Cat M,
NB-IoT
Proprietary,
Micro-SIM,
SMA antenna,
STMod+,
MikroBus, Grove
V2-1
STM32L4P5G-DK
STM32L4P5
OTG
x
Color LCD
240x240
Add-on (optional)
Arduino Uno, STmod+,
MikroBus, Grove
V3
32L4R9IDISCOVERY
STM32L4R9
OTG
x
Color AMOLED
390x390
Add-on (optional)
Arduino Uno,
Pmod, STmod+,
MikroBus, Grove
V2-1
B-L4S5I-IOT01A
STM32L4S5
OTG
Digital mics
BLE, NFC, WiFi
Arduino Uno, Pmod
V2-1
STM32L562E-DK
STM32L562
Type-C
x
Color LCD
240x240
BLE
Arduino Uno, Pmod,
STmod+, MikroBus,
Grove
V3
B-U585-IOT02A
STM32U585
Type-C
x
BLE, WiFi
Arduino Uno, Pmod,
STmod+, MikroBus,
Grove
V3
Discovery kit portfolio 2/5
STM32L0
STM32L1
STM32L4
STM32L4+
STM32L5
STM32U5
17
More information at:
www.st.com/stm32discovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26