| Moteur de recherche de fiches techniques de composants électroniques |
|
AD12 Fiches technique(PDF) 288 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AD12 Fiches technique(HTML) 288 Page - Microchip Technology |
|
288 / 416 page ![]() PIC24FJ256GA705 FAMILY DS30010118D-page 288 2016-2018 Microchip Technology Inc. FIGURE 24-1: 12-BIT A/D CONVERTER BLOCK DIAGRAM (PIC24FJ256GA705 FAMILY) Comparator 12-Bit SAR VREF+ DAC AN9(1) AN0 AN1 AN2 VREF- Sample Control S/H AVSS AVDD ADC1BUF0: ADC1BUF15 AD1CON1 AD1CON2 AD1CON3 AD1CHS AD1CHITL Control Logic Data Formatting Input MUX Control Conversion Control Internal Data Bus 16 VR+ VR- VINH VINL VINH VINH VINL VINL VR+ VR- VBG Note 1: Available ANx pins are package-dependent. 2: CTMU current source is routed to the selected ANx pin when SAMP = 1 and TGEN = 0. See Section 27.0 “Charge Time Measurement Unit (CTMU)” for details. Temperature AVSS AVDD AD1CON5 DMA Data Bus 16 AD1CON4 Extended DMA Data Conversion Logic AN10(1) AN11(1) AN13(1) Diode AN12(1) CTMU Current Source(2) AD1CSSH AD1DMBUF AD1CSSL |