| Moteur de recherche de fiches techniques de composants électroniques |
|
AD12 Fiches technique(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AD12 Fiches technique(HTML) 21 Page - Microchip Technology |
|
21 / 416 page ![]() 2016-2018 Microchip Technology Inc. DS30010118D-page 21 PIC24FJ256GA705 FAMILY CTED1 2 27 19 21 I ST CTMU External Edge Inputs CTED2 3 28 20 22 I ST CTED3 16 13 43 47 I ST CTED4 18 15 1 1 I ST CTED5 25 22 14 15 I ST CTED6 26 23 15 16 I ST CTED7 — — 5 5 I ST CTED8 7 4 24 26 I ST CTED9 22 19 9 10 I ST CTED10 17 14 44 48 I ST CTED11 21 18 8 9 I ST CTED12 5 2 22 24 I ST CTED13 6 3 23 25 I ST CTPLS 24 21 11 12 O DIG CTMU Pulse Output CVREF 25 22 14 15 O ANA Comparator Voltage Reference Output CVREF+ 2 27 19 21 I ANA Comparator Voltage Reference (high) Input CVREF- 3 28 20 22 I ANA Comparator Voltage Reference (low) Input INT0 16 13 43 47 I ST External Interrupt Input 0 IOCA0 2 27 19 21 I ST PORTA Interrupt-on-Change IOCA1 3 28 20 22 I ST IOCA2 9 6 30 33 I ST IOCA3 10 7 31 34 I ST IOCA4 12 9 34 37 I ST IOCA7 — — 13 14 I ST IOCA8 — — 32 35 I ST IOCA9 — — 35 38 I ST IOCA10 — — 12 13 I ST IOCA11 — — — 8 I ST IOCA12 — — — 20 I ST IOCA13 — — — 32 I ST IOCA14 — — — 44 I ST TABLE 1-3: PIC24FJ256GA705 FAMILY PINOUT DESCRIPTIONS (CONTINUED) Pin Function Pin Number/Grid Locator I/O Input Buffer Description 28-Pin SOIC, SSOP, SPDIP 28-Pin QFN, UQFN 44-Pin TQFP 48-Pin UQFN/TQFP Legend: TTL = TTL input buffer ST = Schmitt Trigger input buffer ANA = Analog level input/output I2C = I2C/SMBus input buffer DIG = Digital input/output XCVR = Dedicated Transceiver |