| Moteur de recherche de fiches techniques de composants électroniques |
|
AD11 Fiches technique(PDF) 70 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AD11 Fiches technique(HTML) 70 Page - Microchip Technology |
|
70 / 416 page ![]() PIC24FJ256GA705 FAMILY DS30010118D-page 70 2016-2018 Microchip Technology Inc. TABLE 5-1: DMA TRIGGER SOURCES CHSEL<6:0> Trigger (Interrupt) CHSEL<6:0> Trigger (Interrupt) 0000000 Off 1000001 UART2 TX Interrupt 0001001 MCCP4 IC/OC Interrupt 1000010 UART2 RX Interrupt 0001010 MCCP4 Timer Interrupt 1000011 UART2 Error Interrupt 0001011 MCCP3 IC/OC Interrupt 1000100 UART1 TX Interrupt 0001100 MCCP3 Timer Interrupt 1000101 UART1 RX Interrupt 0001101 MCCP2 IC/OC Interrupt 1000110 UART1 Error Interrupt 0001110 MCCP2 Timer Interrupt 1001011 DMA Channel 5 Interrupt 0001111 MCCP1 IC/OC Interrupt 1001100 DMA Channel 4 Interrupt 0010000 MCCP1 Timer Interrupt 1001101 DMA Channel 3 Interrupt 0010100 OC3 Interrupt 1001110 DMA Channel 2 Interrupt 0010101 OC2 Interrupt 1001111 DMA Channel 1 Interrupt 0010110 OC1 Interrupt 1010000 DMA Channel 0 Interrupt 0011010 IC3 Interrupt 1010001 A/D Interrupt 0011011 IC2 Interrupt 1010011 PMP Interrupt 0011100 IC1 Interrupt 1010100 HLVD Interrupt 0100000 SPI3 Receive Interrupt 1010101 CRC Interrupt 0100001 SPI3 Transmit Interrupt 1011011 CLC2 Out 0100010 SPI3 General Interrupt 1011100 CLC1 Out 0100011 SPI2 Receive Interrupt 1011110 RTCC Alarm Interrupt 0100100 SPI2 Transmit Interrupt 1100001 TMR3 Interrupt 0100101 SPI2 General Interrupt 1100010 TMR2 Interrupt 0100110 SPI1 Receive Interrupt 1100011 TMR1 Interrupt 0100111 SPI1 Transmit Interrupt 1100110 CTMU Trigger 0101000 SPI1 General Interrupt 1100111 Comparator Interrupt 0101111 I2C2 Slave Interrupt 1101000 INT4 Interrupt 0110000 I2C2 Master Interrupt 1101001 INT3 Interrupt 0110001 I2C2 Bus Collision Interrupt 1101010 INT2 Interrupt 0110010 I2C1 Slave Interrupt 1101011 INT1 Interrupt 0110011 I2C1 Master Interrupt 1101100 INT0 Interrupt 0110100 I2C1 Bus Collision Interrupt 1101101 Interrupt-on-Change (IOC) Interrupt |