Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD02 Fiches technique(PDF) 5 Page - Microchip Technology

No de pièce AD02
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AD02 Fiches technique(HTML) 5 Page - Microchip Technology

  AD02 Datasheet HTML 1Page - Microchip Technology AD02 Datasheet HTML 2Page - Microchip Technology AD02 Datasheet HTML 3Page - Microchip Technology AD02 Datasheet HTML 4Page - Microchip Technology AD02 Datasheet HTML 5Page - Microchip Technology AD02 Datasheet HTML 6Page - Microchip Technology AD02 Datasheet HTML 7Page - Microchip Technology AD02 Datasheet HTML 8Page - Microchip Technology AD02 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 5
PIC24FJ256GA705 FAMILY
Pin Diagrams (PIC24FJ256GA704 Devices)
Legend: See Table 4 for a complete description of pin functions. Pinouts are subject to change.
Note: Gray shading indicates 5.5V tolerant input pins.
44-Pin TQFP
RB12
RB11
RB10
VCAP
VSS
RC9
RC8
RC7
RC6
RB9
RB13
RB2
RB3
RC0
RC1
RC2
RB4
VDD
VSS
RA2
RA3
RA8
10
11
2
3
4
5
6
1
8
7
29
30
31
32
33
23
24
25
26
27
28
9
PIC24FJ256GA704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More