| Moteur de recherche de fiches techniques de composants électroniques |
|
AD01 Fiches technique(PDF) 73 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AD01 Fiches technique(HTML) 73 Page - Microchip Technology |
|
73 / 416 page ![]() 2016-2018 Microchip Technology Inc. DS30010118D-page 73 PIC24FJ256GA705 FAMILY REGISTER 6-1: NVMCON: FLASH MEMORY CONTROL REGISTER HC/R/S-0(1) R/W-0(1) HSC/R-0(1) R/W-0 r-0 r-0 U-0 U-0 WR WREN WRERR NVMSIDL — — — — bit 15 bit 8 U-0 U-0 U-0 U-0 R/W-0(1) R/W-0(1) R/W-0(1) R/W-0(1) — — — —NVMOP3(2) NVMOP2(2) NVMOP1(2) NVMOP0(2) bit 7 bit 0 Legend: S = Settable bit HC = Hardware Clearable bit r = Reserved bit R = Readable bit W = Writable bit ‘0’ = Bit is cleared x = Bit is unknown -n = Value at POR ‘1’ = Bit is set U = Unimplemented bit, read as ‘0’ HSC = Hardware Settable/Clearable bit bit 15 WR: Write Control bit(1) 1 = Initiates a Flash memory program or erase operation; the operation is self-timed and the bit is cleared by hardware once the operation is complete 0 = Program or erase operation is complete and inactive bit 14 WREN: Write Enable bit(1) 1 = Enables Flash program/erase operations 0 = Inhibits Flash program/erase operations bit 13 WRERR: Write Sequence Error Flag bit(1) 1 = An improper program or erase sequence attempt, or termination has occurred (bit is set automatically on any set attempt of the WR bit) 0 = The program or erase operation completed normally bit 12 NVMSIDL: NVM Stop in Idle bit 1 = Removes power from the program memory when device enters Idle mode 0 = Powers program memory in Standby mode when the device enters Idle mode bit 11-10 Reserved: Maintain as ‘0’ bit 9-4 Unimplemented: Read as ‘0’ bit 3-0 NVMOP<3:0>: NVM Operation Select bits(1,2) 1110 = Chip erases user memory (does not erase Device ID, customer OTP or executive memory) 0100 = Unused 0011 = Erases a page of program or executive memory 0010 = Row programming operation 0001 = Double-word programming operation Note 1: These bits can only be reset on a Power-on Reset. 2: All other combinations of NVMOP<3:0> are unimplemented. |