| Moteur de recherche de fiches techniques de composants électroniques |
|
DI35 Fiches technique(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DI35 Fiches technique(HTML) 22 Page - Microchip Technology |
|
22 / 416 page ![]() PIC24FJ256GA705 FAMILY DS30010118D-page 22 2016-2018 Microchip Technology Inc. IOCB0 4 1 21 23 I ST PORTB Interrupt-on-Change IOCB1 5 2 22 24 I ST IOCB2 6 3 23 25 I ST IOCB3 7 4 24 26 I ST IOCB4 11 8 33 36 I ST IOCB5 14 11 41 45 I ST IOCB6 15 12 42 46 I ST IOCB7 16 13 43 47 I ST IOCB8 17 14 44 48 I ST IOCB9 18 15 1 1 I ST IOCB10 21 18 8 9 I ST IOCB11 22 19 9 10 I ST IOCB12 23 20 10 11 I ST IOCB13 24 21 11 12 I ST IOCB14 25 22 14 15 I ST IOCB15 26 23 15 16 I ST IOCC1 — — 26 28 I ST PORTC Interrupt-on-Change IOCC2 — — 27 29 I ST IOCC3 — — 36 39 I ST IOCC4 — — 37 40 I ST IOCC5 — — 38 41 I ST IOCC6 — — 2 2 I ST IOCC7 — — 3 3 I ST IOCC8 — — 4 4 I ST IOCC9 — — 5 5 I ST MCLR 1 26 18 19 I ST Master Clear (device Reset) Input. This line is brought low to cause a Reset. OCM1A 16 13 43 47 O DIG MCCP1 Outputs OCM1B 17 14 44 48 O DIG OCM1C 21 18 8 9 O DIG OCM1D 24 21 11 12 O DIG OCM1E 14 11 41 45 O DIG OCM1F 15 12 42 46 O DIG OSCI 9 6 30 33 I ANA/ST Main Oscillator Input Connection OSCO 10 7 31 34 O ANA Main Oscillator Output Connection TABLE 1-3: PIC24FJ256GA705 FAMILY PINOUT DESCRIPTIONS (CONTINUED) Pin Function Pin Number/Grid Locator I/O Input Buffer Description 28-Pin SOIC, SSOP, SPDIP 28-Pin QFN, UQFN 44-Pin TQFP 48-Pin UQFN/TQFP Legend: TTL = TTL input buffer ST = Schmitt Trigger input buffer ANA = Analog level input/output I2C = I2C/SMBus input buffer DIG = Digital input/output XCVR = Dedicated Transceiver |