Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OS30 Fiches technique(PDF) 89 Page - Microchip Technology

No de pièce OS30
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

OS30 Fiches technique(HTML) 89 Page - Microchip Technology

Back Button OS30 Datasheet HTML 85Page - Microchip Technology OS30 Datasheet HTML 86Page - Microchip Technology OS30 Datasheet HTML 87Page - Microchip Technology OS30 Datasheet HTML 88Page - Microchip Technology OS30 Datasheet HTML 89Page - Microchip Technology OS30 Datasheet HTML 90Page - Microchip Technology OS30 Datasheet HTML 91Page - Microchip Technology OS30 Datasheet HTML 92Page - Microchip Technology OS30 Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 89
PIC24FJ256GA705 FAMILY
I2C1BC – I2C1 Bus Collision
84
0000BCh
IFS5<4>
IEC5<4>
IPC21<2:0>
I2C2BC – I2C2 Bus Collision
85
0000BEh
IFS5<5>
IEC5<5>
IPC21<6:4>
—86
—
—
—
—
—87
—
—
—
—
—88
—
—
—
—
—89
—
—
—
—
SPI3 – SPI3 General
90
0000C8h
IFS5<10>
IEC5<10>
IPC22<10:8>
SPI3TX – SPI3 Transfer Done
91
0000CAh
IFS5<11>
IEC5<11>
IPC22<14:12>
—92
92
—
—
—
—93
93
—
—
—
CCP3 – Capture/Compare 3
94
0000D0h
IFS5<14>
IEC5<14>
IPC23<10:8>
CCP4 – Capture/Compare 4
95
0000D2h
IFS5<15>
IEC5<15>
IPC23<14:12>
CLC1 – Configurable Logic Cell 1
96
0000D4h
IFS6<0>
IEC6<0>
IPC24<2:0>
CLC2 – Configurable Logic Cell 2
97
0000D6h
IFS6<1>
IEC6<1>
IPC24<6:4>
—98
—
—
—
—
—99
—
—
—
—
—100
—
—
—
—
CCT1 – Capture/Compare Timer1
101
0000DEh
IFS6<5>
IEC6<5>
IPC25<6:4>
CCT2 – Capture/Compare Timer2
102
0000E0h
IFS6<6>
IEC6<6>
IPC25<10:8>
—103
—
—
—
—
—104
—
—
—
—
—105
—
—
—
—
FST – FRC Self-Tuning Interrupt
106
0000E8h
IFS6<10>
IEC6<10>
IPC26<10:8>
—107
—
—
—
—
ECCIE – ECC Single Bit Error
108
0000ECh
IFS6<12>
IEC6<12>
IPC27<2:0>
—109
—
—
—
—
RTCCTS – Real-Time Clock Timestamp
110
0000F0h
IFS6<14>
IEC6<14>
IPC27<10:8>
—
111
—
—
—
—
—112
—
—
—
—
—113
—
—
—
—
—114
—
—
—
—
—115
—
—
—
—
—116
—
—
—
—
JTAG – JTAG
117
0000FEh
IFS7<5>
IEC7<5>
IPC29<6:4>
TABLE 8-2:
INTERRUPT VECTOR DETAILS (CONTINUED)
Interrupt Source
IRQ
#
IVT Address
Interrupt Bit Location
Flag
Enable
Priority



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More