| Moteur de recherche de fiches techniques de composants électroniques |
|
OS25 Fiches technique(PDF) 1 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
OS25 Fiches technique(HTML) 1 Page - Microchip Technology |
|
1 / 416 page ![]() 2016-2018 Microchip Technology Inc. DS30010118D-page 1 PIC24FJ256GA705 FAMILY High-Performance CPU • Modified Harvard Architecture • Up to 16 MIPS Operation @ 32 MHz • 8 MHz Fast RC Internal Oscillator: - 96 MHz PLL option - Multiple clock divide options - Fast start-up • 17-Bit x 17-Bit Single-Cycle Hardware Fractional/Integer Multiplier • 32-Bit by 16-Bit Hardware Divider • 16-Bit x 16-Bit Working Register Array • C Compiler Optimized Instruction Set Architecture • Two Address Generation Units for Separate Read and Write Addressing of Data Memory • Six-Channel DMA Controller Analog Features • Up to 14-Channel, Software Selectable, 10/12-Bit Analog-to-Digital Converter: - 12-bit, 200K samples/second conversion rate (single Sample-and-Hold) - Sleep mode operation - Charge pump for operating at lower AVDD - Band gap reference input feature - Windowed threshold compare feature - Auto-scan feature • Three Analog Comparators with Input Multiplexing: - Programmable reference voltage for comparators • LVD Interrupt Above/Below Programmable VLVD Level • Charge Time Measurement Unit (CTMU): - Allows measurement of capacitance and time - Operational in Sleep Low-Power Features • Sleep and Idle modes Selectively Shut Down Peripherals and/or Core for Substantial Power Reduction and Fast Wake-up • Doze mode allows CPU to Run at a Lower Clock Speed than Peripherals • Alternate Clock modes allow On-the-Fly Switching to a Lower Clock Speed for Selective Power Reduction Special Microcontroller Features • Supply Voltage Range of 2.0V to 3.6V • Dual Voltage Regulators: - 1.8V core regulator - 1.2V regulator for Retention Sleep mode • Operating Ambient Temperature Range of -40°C to +125°C • ECC Flash Memory (256 Kbytes): - Single Error Correction (SEC) - Double Error Detection (DED) - 10,000 erase/write cycle endurance, typical - Data retention: 20 years minimum - Self-programmable under software control • 16-Kbyte SRAM • Programmable Reference Clock Output • In-Circuit Serial Programming™ (ICSP™) and In-Circuit Emulation (ICE) via 2 Pins • JTAG Boundary Scan Support • Fail-Safe Clock Monitor Operation: - Detects clock failure and switches to on-chip, Low-Power RC (LPRC) Oscillator • Power-on Reset (POR), Brown-out Reset (BOR) and Oscillator Start-up Timer (OST) • Programmable Low-Voltage Detect (LVD) • Flexible Watchdog Timer (WDT) with its Own RC Oscillator for Reliable Operation 16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages |
Numéro de pièce similaire - OS25 |
|
Description similaire - OS25 |