Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM2849 Fiches technique(PDF) 9 Page - AMtek SEMICONDUCTORS CO., LTD

No de pièce AM2849
Description  One Channel H-Bridge Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Site Internet  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM2849 Fiches technique(HTML) 9 Page - AMtek SEMICONDUCTORS CO., LTD

Back Button AM2849 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM2849 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM2849 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM2849 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM2849 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM2849 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD AM2849 Datasheet HTML 10Page - AMtek SEMICONDUCTORS CO., LTD AM2849 Datasheet HTML 11Page - AMtek SEMICONDUCTORS CO., LTD AM2849 Datasheet HTML 12Page - AMtek SEMICONDUCTORS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AM2849
Motor Driver ICs
AMtek semiconductors
Nov. 2020 V0.9
- 9 -
How to predict Tj in the environment of the actual PCB
Step 1 : Used the simulated Ψjt value listed above.
Step 2 : Measure Tt value by using
Thermocouple Method
We recommend use of a small ~40 gauge(3.15mil diameter) thermocouple. The bead and
thermocouples wires should touch the top of the package and be covered with a minimal amount of
thermally conductive epoxy. The wires should be heat-insulated to prevent cooling of the bead due
to heat loss into wires. This is important towards preventing “too cool” Tt measurements, which
would lead to the calculated Tj also being too cool.
IR Spot Method
An IR Spot method should be utilized only when using a tool with a small enough spot area to
acquire the true top center “hot spot”.
Many so-called “small spot size” tools still have a measurement area of 0~100+mils at “zero”
distance of the tool from the surface. This spot area is too big for many smaller packages and likely
would result in cooler readings than the small
thermocouple method. Consequently, to match
between spot area and package surface size is important while measuring Tt with IR sport method.
Step 3 : calculating power dissipation by
P ≅ (VCC–|Vo_Hi – Vo_Lo|) x Iout + VCC x Icc
Step 4 : Estimate Tj value by
Tj= Ψjt x P+Tt
Step 5: Calculated Θja value of actual PCB by the known Tj
Θja(actual) = (Tj-Ta)/P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12