| Moteur de recherche de fiches techniques de composants électroniques |
|
D135 Fiches technique(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
D135 Fiches technique(HTML) 23 Page - Microchip Technology |
|
23 / 416 page ![]() 2016-2018 Microchip Technology Inc. DS30010118D-page 23 PIC24FJ256GA705 FAMILY PGC1 5 2 22 24 I ST ICSP™ Programming Clock PGC2 22 19 9 10 I ST PGC3 15 12 42 46 I ST PGD1 4 1 21 23 I/O DIG/ST ICSP Programming Data PGD2 21 18 8 9 I/O DIG/ST PGD3 14 11 41 45 I/O DIG/ST PMA0 — — 3 3 I/O DIG/ST/ TTL Parallel Master Port Address<0>/ Address Latch Low PMA1 — — 2 2 I/O DIG/ST/ TTL Parallel Master Port Address<1>/ Address Latch High PMA2 — — 12 13 I/O DIG/ST/ TTL Parallel Master Port Address<2> PMA3 — — 38 41 I/O DIG/ST/ TTL Parallel Master Port Address<3> PMA4 — — 37 40 I/O DIG/ST/ TTL Parallel Master Port Address<4> PMA5 — — 4 4 I/O DIG/ST/ TTL Parallel Master Port Address<5> PMA6 — — 5 5 I/O DIG/ST/ TTL Parallel Master Port Address<6> PMA7 — — 13 14 I/O DIG/ST/ TTL Parallel Master Port Address<7> PMA8 — — 32 35 I/O DIG/ST/ TTL Parallel Master Port Address<8> PMA9 — — 35 38 I/O DIG/ST/ TTL Parallel Master Port Address<9> PMA14/PMCS/ PMCS1 — — 15 16 I/O DIG/ST/ TTL Parallel Master Port Address<14>/ Slave Chip Select/Chip Select 1 Strobe TABLE 1-3: PIC24FJ256GA705 FAMILY PINOUT DESCRIPTIONS (CONTINUED) Pin Function Pin Number/Grid Locator I/O Input Buffer Description 28-Pin SOIC, SSOP, SPDIP 28-Pin QFN, UQFN 44-Pin TQFP 48-Pin UQFN/TQFP Legend: TTL = TTL input buffer ST = Schmitt Trigger input buffer ANA = Analog level input/output I2C = I2C/SMBus input buffer DIG = Digital input/output XCVR = Dedicated Transceiver |