| Moteur de recherche de fiches techniques de composants électroniques |
|
D133B Fiches technique(PDF) 24 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
D133B Fiches technique(HTML) 24 Page - Microchip Technology |
|
24 / 416 page ![]() PIC24FJ256GA705 FAMILY DS30010118D-page 24 2016-2018 Microchip Technology Inc. PMD0 — — 10 11 I/O DIG/ST/ TTL Parallel Master Port Data (Demultiplexed Master mode) or Address/Data (Multiplexed Master modes) PMD1 — — 9 10 I/O DIG/ST/ TTL PMD2 — — 8 9 I/O DIG/ST/ TTL PMD3 — — 1 1 I/O DIG/ST/ TTL PMD4 — — 44 48 I/O DIG/ST/ TTL PMD5 — — 43 47 I/O DIG/ST/ TTL PMD6 — — 42 46 I/O DIG/ST/ TTL PMD7 — — 41 45 I/O DIG/ST/ TTL PMRD/PMWR —— 11 12 I/O DIG/ST/ TTL Parallel Master Port Read Strobe/ Write Strobe PMWR/PMENB — — 14 15 I/O DIG/ST/ TTL Parallel Master Port Write Strobe/ Enable Strobe PWRGT — — — — O DIG Real-Time Clock Power Control Output PWRLCLK 12 9 34 37 I ST Real-Time Clock 50/60 Hz Clock Input TABLE 1-3: PIC24FJ256GA705 FAMILY PINOUT DESCRIPTIONS (CONTINUED) Pin Function Pin Number/Grid Locator I/O Input Buffer Description 28-Pin SOIC, SSOP, SPDIP 28-Pin QFN, UQFN 44-Pin TQFP 48-Pin UQFN/TQFP Legend: TTL = TTL input buffer ST = Schmitt Trigger input buffer ANA = Analog level input/output I2C = I2C/SMBus input buffer DIG = Digital input/output XCVR = Dedicated Transceiver |