| Moteur de recherche de fiches techniques de composants électroniques |
|
CS8952T Fiches technique(PDF) 2 Page - Pulse A Technitrol Company |
|
|
|||||||||||||||||||||||||||||
CS8952T Fiches technique(HTML) 2 Page - Pulse A Technitrol Company |
|
2 / 12 page ![]() 28 www.pulseeng.com G003.U (2/07) RJ45 FILTERED CONNECTORS PulseJack TM Filtered Connectors Pulse offers a broad selection of PulseJack filtered connectors that integrate network magnetics with combinations of RJ45 and USB connectors. In addition to connectivity, these filtered connectors provide signal conditioning, signal isolation and EMI suppression. Designed to meet IEEE 802.3, the PulseJack connectors offer a complete family of single- and multi-port solutions in high-speed applications, including 10/100/1000BASE-T, PoE and other emerging applications. For RoHS compliant products, please refer to the individual data sheets for details. NOTE: This catalog section serves as an overview to the LAN PulseJack filtered connectors. For detailed data sheets and a complete list of PulseJack filtered connectors, please go to this URL: http://www.pulseeng.com/products/datasheets.aspx. For the readers convenience and to locate multiple platforms easily, view the IC Cross References starting on page 29. Number of Ports One Port 1 by 2, 4, 6, 8 2 by 2, 4, 6, 8 One RJ45/dual USB Locking Tab Up/Down Down Up Down Up N/A Up PCB Mounting Type THT SMT THT SMT THT THT THT Data Rate 10/100TX 10/100TX 10/100TX Gigabit 10/100TX 10/100TX Gigabit 10/100TX Gigabit 10/100TX Gigabit Data Sheet J403 J409 J402 J411 J409 J404 J410 J401 J405 J408 J408 Number J414 J415 (PoE) J416 (PoE) J422 LAN FILTERED CONNECTORS LAN Filtered Connectors |