| Moteur de recherche de fiches techniques de composants électroniques |
|
RYP321015-PASC2 Fiches technique(PDF) 2 Page - CT Micro International Corporation |
|
|
|||||||||||||||||||||||||||||
RYP321015-PASC2 Fiches technique(HTML) 2 Page - CT Micro International Corporation |
|
2 / 10 page ![]() CT Micro Rev 2 Proprietary & Confidential Page 2 Jan, 2021 RYP321015-PASC2 Dual Wavelength SMD Type Emitter Absolute Maximum Rating at 250C Symbol Parameters Ratings Units Notes IF Continuous Forward Current R 25 mA Y 25 IFP Peak Forward Current R 60 mA 1 Y 60 VR Reverse Voltage 5 V Topr Operating Temperature -40 ~ +85 0C Tstg Storage Temperature -40 ~ +100 0C Tsol Soldering Temperature 260 0C 2 PD Power Dissipation at(or below) 25℃ Free Air Temperature R 60 mW Y 60 Electro-Optical Characteristics TA = 25°C (unless otherwise specified) Optical Characteristics (Red) Symbol Parameters Test Conditions Min Typ Max Units Notes Iv Luminous Intensity IF=20mA 90 - 225 mcd 3 λp Peak Wavelength IF=20mA - 632 - nm 4 λD Dominant Wavelength IF=20mA - 621 - nm 4 θ1/2 Angle of Half Intensity IF=20mA - 65 - deg Electrical Characteristics Symbol Parameters Test Conditions Min Typ Max Units Notes VF Forward Voltage IF=20mA 1.7 - 2.4 V IR Reverse Current VR=5V - - 1 µA |