| Moteur de recherche de fiches techniques de composants électroniques |
|
RYGP321015-PASC2 Fiches technique(PDF) 6 Page - CT Micro International Corporation |
|
|
|||||||||||||||||||||||||||||
RYGP321015-PASC2 Fiches technique(HTML) 6 Page - CT Micro International Corporation |
|
6 / 10 page ![]() CT Micro Rev 2 Proprietary & Confidential Page 6 Jan, 2021 RYGP321015-PASC2 Dual Wavelength SMD Type Emitter Package Dimension All dimensions are in mm, unless otherwise stated Note: Tolerance unless mentioned is ±0.1mm. Recommended Soldering Mask All dimensions are in mm, unless otherwise stated Note: Tolerance unless mentioned is ±0.1mm. Ordering Information Part Number Description Quantity RYGP321015-PASC2 Tape & Reel 2000 pcs |